Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWL2 Datasheet (PDF) - ML Accessories Limited. All rights reserved.

Part # PWL2
Description  230V G9 40W Cuboid Up and Down Plaster Wall Light
File Size   137.43 Kbytes
Html View  1 
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

PWL2 Datasheet (PDF) - ML Accessories Limited. All rights reserved.



Similar Part No. - PWL2

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
PWL1 KNIGHTSBRIDGE-PWL1 Datasheet
137Kb / 1P
230V G9 40W Curved Up and Down Plaster Wall Light
29/04/2024
PWL3 KNIGHTSBRIDGE-PWL3 Datasheet
165Kb / 1P
230V G9 40W Curved Up and Down Plaster Wall Light 200mm
29/04/2024
PWL4 KNIGHTSBRIDGE-PWL4 Datasheet
185Kb / 1P
230V G9 40W Curved Up and Down Plaster Wall Light 180mm
29/04/2024
PWL5 KNIGHTSBRIDGE-PWL5 Datasheet
225Kb / 1P
230V G9 40W Curved Up and Down Plaster Wall Light
29/04/2024
PWL6 KNIGHTSBRIDGE-PWL6 Datasheet
223Kb / 1P
230V G9 40W Cuboid Up and Down Plaster Wall Light
29/04/2024
More results


Similar Description - PWL2

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7534 LSI-LS7534 Datasheet
69Kb / 8P
DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
LS7534 LSI-LS7534_03 Datasheet
89Kb / 8P
DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
logo
List of Unclassifed Man...
4753513 ETC2-4753513 Datasheet
30Kb / 1P
HALOGEN CAPSULE LAMP G9 240V 40W 1500HRS FROSTED
FLP-6060-040-WW ETC1-FLP-6060-040-WW Datasheet
1Mb / 7P
40W LED Panel Light
logo
LSI Computer Systems
LS7534 LSI-LS7534_09 Datasheet
91Kb / 8P
DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
logo
Copal Electronics
DN6 COPAL-DN6 Datasheet
76Kb / 2P
Power-Up and Power-Down Characteristics
logo
List of Unclassifed Man...
RTD2523 ETC2-RTD2523 Datasheet
1Mb / 129P
Zoom scaling up and down
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
Step-up, step-down, step-up and step-down LED driver chip
logo
Schneider Electric
XB7EV05MP SCHNEIDER-XB7EV05MP Datasheet
131Kb / 5P
PILOT LIGHT - LED - Yellow - 230v
Aug 10, 2019
logo
Quelighting Corp
COMBO-WW-40 QUELIGHTING-COMBO-WW-40 Datasheet
1Mb / 2P
COMBO - LED Grow Light 40W
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com