Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4C0.5YCY Datasheet (PDF) - Belden Inc.

Part # 4C0.5YCY
Description  MachFlex™ LiYCY, 4 C 0.5 mm² Str BC, PVC Ins, TCBS, PVC Jkt
File Size   151.12 Kbytes
Html View  1   2 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

4C0.5YCY Datasheet (PDF) - Belden Inc.



Similar Part No. - 4C0.5YCY

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
4C0.5YY BELDEN-4C0.5YY Datasheet
155Kb / 2P
MachFlex™ LiYY, 4 C 0.5mm² Str BC, PVC Ins, PVC Jkt
11-28-2023
4C0.5YY-006100M BELDEN-4C0.5YY-006100M Datasheet
155Kb / 2P
MachFlex™ LiYY, 4 C 0.5mm² Str BC, PVC Ins, PVC Jkt
11-28-2023
4C0.5YY-006200M BELDEN-4C0.5YY-006200M Datasheet
155Kb / 2P
MachFlex™ LiYY, 4 C 0.5mm² Str BC, PVC Ins, PVC Jkt
11-28-2023
4C0.5YY-006300M BELDEN-4C0.5YY-006300M Datasheet
155Kb / 2P
MachFlex™ LiYY, 4 C 0.5mm² Str BC, PVC Ins, PVC Jkt
11-28-2023
4C0.5YY-010100M BELDEN-4C0.5YY-010100M Datasheet
155Kb / 2P
MachFlex™ LiYY, 4 C 0.5mm² Str BC, PVC Ins, PVC Jkt
11-28-2023
More results


Similar Description - 4C0.5YCY

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7203A BELDEN-7203A Datasheet
248Kb / 3P
MachFlex?? 4 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
MRTA4P23S BELDEN-MRTA4P23S Datasheet
146Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 4 Pr 23 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
MRTA4P24S BELDEN-MRTA4P24S Datasheet
146Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 4 Pr 24 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
MRTA4P26S BELDEN-MRTA4P26S Datasheet
146Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 4 Pr 26 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
8444 BELDEN-8444 Datasheet
204Kb / 2P
Electronic, 4 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9444 BELDEN-9444 Datasheet
183Kb / 2P
Electronic, 4 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
8627 BELDEN-8627 Datasheet
190Kb / 2P
Electronic, 4 C #14 Str TC, PVC Ins, PVC Jkt
01-20-2023
8620 BELDEN-8620 Datasheet
160Kb / 2P
Electronic, 4 C #16 Str TC, PVC Ins, PVC Jkt
01-20-2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com