Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMBT3640 Datasheet (PDF) - NXP Semiconductors

Part # PMBT3640
Description  PNP 1 GHz switching transistor
File Size   31.3 Kbytes
Html View  1   2   3   4   5 
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBT3640 Datasheet (PDF) - NXP Semiconductors



Similar Part No. - PMBT3640

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT3904 PHILIPS-PMBT3904 Datasheet
46Kb / 8P
NPN switching transistor
1999 Apr 27
PMBT3904 NXP-PMBT3904 Datasheet
150Kb / 9P
NPN switching transistor
2004 Jan 12
PMBT3904 PHILIPS-PMBT3904 Datasheet
150Kb / 9P
NPN switching transistor
2004 Jan 12
logo
Nexperia B.V. All right...
PMBT3904 NEXPERIA-PMBT3904 Datasheet
220Kb / 11P
40 V, 200 mA NPN switching transistor
5 November 2020
logo
NXP Semiconductors
PMBT3904-215 PHILIPS-PMBT3904-215 Datasheet
150Kb / 9P
NPN switching transistor
2004 Jan 12
More results


Similar Description - PMBT3640

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPSH10 PHILIPS-MPSH10 Datasheet
77Kb / 8P
NPN 1 GHz general purpose switching transistor
1998 Aug 27
PMBTH10 PHILIPS-PMBTH10 Datasheet
52Kb / 7P
NPN 1 GHz general purpose switching transistor
September 1995
PMBTH81 PHILIPS-PMBTH81 Datasheet
47Kb / 7P
PNP 1 GHz switching transistor
September 1995
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
PNP switching transistor
1999 May 10
logo
Fairchild Semiconductor
PN3640 FAIRCHILD-PN3640_01 Datasheet
454Kb / 10P
PNP Switching Transistor
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
PNP Switching Transistor
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
PNP Switching Transistor
logo
Chenmko Enterprise Co. ...
CHT2907ZPT CHENMKO-CHT2907ZPT Datasheet
157Kb / 6P
PNP Switching Transistor
logo
AiT Semiconductor Inc.
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com