Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1S95J0000F Datasheet (PDF) - Sharp Corporation

Part # GP1S95J0000F
Description  Gap : 1.6mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
File Size   138.07 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S95J0000F Datasheet (PDF) - Sharp Corporation



Similar Part No. - GP1S95J0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S93 SHARP-GP1S93 Datasheet
45Kb / 4P
Subminiature Photointerrupter
GP1S93J0000F SHARP-GP1S93J0000F Datasheet
141Kb / 10P
Gap : 2mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S94 SHARP-GP1S94 Datasheet
46Kb / 4P
Subminiature Wide- Photointerrupter
GP1S94J0000F SHARP-GP1S94J0000F Datasheet
142Kb / 10P
Gap : 3.5mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S96J0000F SHARP-GP1S96J0000F Datasheet
134Kb / 9P
Gap : 1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
More results


Similar Description - GP1S95J0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S94J0000F SHARP-GP1S94J0000F Datasheet
142Kb / 10P
Gap : 3.5mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S25J0000F SHARP-GP1S25J0000F Datasheet
181Kb / 11P
SMT, Gap : 1.6mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S93J0000F SHARP-GP1S93J0000F Datasheet
141Kb / 10P
Gap : 2mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S093HCZ0F SHARP-GP1S093HCZ0F Datasheet
136Kb / 9P
Gap : 2mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S094HCZ0F SHARP-GP1S094HCZ0F Datasheet
137Kb / 9P
Gap : 3mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S96J0000F SHARP-GP1S96J0000F Datasheet
134Kb / 9P
Gap : 1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S096HCZ0F SHARP-GP1S096HCZ0F Datasheet
135Kb / 9P
Gap : 1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S97J0000F SHARP-GP1S97J0000F Datasheet
139Kb / 10P
Gap : 2.2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S097HCZ0F SHARP-GP1S097HCZ0F Datasheet
133Kb / 9P
Gap : 2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S196HCZ0F SHARP-GP1S196HCZ0F Datasheet
159Kb / 11P
Gap : 1.1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com