Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1804917 Datasheet (PDF) - List of Unclassifed Manufacturers

Part # 1804917
Description  Plug component, nominal current: 20 A, rated voltage: 400 V, pitch: 7.62 mm, no. of positions: 3, type of connection: Screw connection
File Size   95.01 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1804917 Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - 1804917

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1804917 PHOENIX-1804917 Datasheet
144Kb / 5P
PCV 4/ 3-G-7,62
1804917 PHOENIX-1804917 Datasheet
164Kb / 5P
PC 4/ 3-G-7,62
1804917 PHOENIX-1804917 Datasheet
159Kb / 6P
PC 4/ 3-ST-7,62
More results


Similar Description - 1804917

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0391360000 WEIDMULLER-0391360000 Datasheet
101Kb / 4P
PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm짼, Pitch: 7.62 mm, No. of poles: 3, 180째, Box
0393360000 WEIDMULLER-0393360000 Datasheet
102Kb / 4P
PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm짼, Pitch: 7.62 mm, No. of poles: 2, 90째, Box
0393560000 WEIDMULLER-0393560000 Datasheet
103Kb / 4P
PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm짼, Pitch: 7.62 mm, No. of poles: 4, 90째, Box
0393660000 WEIDMULLER-0393660000 Datasheet
103Kb / 4P
PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm짼, Pitch: 7.62 mm, No. of poles: 5, 90째, Box
logo
PHOENIX CONTACT
0611017 PHOENIX-0611017 Datasheet
63Kb / 3P
Connection honeycomb, Connection type: Screw mounting, Number of positions
1728307 PHOENIX-1728307 Datasheet
139Kb / 5P
PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection
1893313 PHOENIX-1893313 Datasheet
74Kb / 6P
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 4, Pitch: 5mm, Connection method: Screw connection, Color: Black, Contact surface: Tin
85366990 PHOENIX-85366990 Datasheet
129Kb / 8P
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 7, Pitch: 5.08 mm, Connection method: Solder/Slip-on connection, Color: green, Contact surface: Tin, Assembly: Direct mounting
3045855 PHOENIX-3045855 Datasheet
111Kb / 5P
Connectors, Type of connection: Screw connection
1982800 PHOENIX-1982800 Datasheet
53Kb / 2P
, rated voltage (III/2): , nominal current (Ex): , nominal voltage (Ex): , number of positions: 1, pitch: 0 mm, : ,mounting
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com