Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGW50T65H3DFP Datasheet (PDF) - Nexperia B.V. All rights reserved

Part # NGW50T65H3DFP
Description  650 V, 50 A high speed trench field-stop IGBT with full rated silicon diode
File Size   367.68 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NGW50T65H3DFP Datasheet (PDF) - Nexperia B.V. All rights reserved



Similar Part No. - NGW50T65H3DFP

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NGW-WSG DOMINANT-NGW-WSG Datasheet
919Kb / 14P
Super high brightness surface mount LED
logo
Nexperia B.V. All right...
NGW40T65M3DFP NEXPERIA-NGW40T65M3DFP Datasheet
263Kb / 16P
650 V, 40 A trench field-stop IGBT with full rated silicon diode
Rev. 1 - 28 June 2024
More results


Similar Description - NGW50T65H3DFP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH50T65UPD FAIRCHILD-FGH50T65UPD Datasheet
344Kb / 10P
650 V, 50 A Field Stop Trench IGBT
logo
ON Semiconductor
AFGHL50T65SQ ONSEMI-AFGHL50T65SQ Datasheet
244Kb / 8P
Field Stop Trench IGBT 50A, 650V
January, 2020 ??Rev. 1
AFGHL50T65SQD ONSEMI-AFGHL50T65SQD Datasheet
257Kb / 9P
Field Stop Trench IGBT 50A, 650V
January, 2020 ??Rev. 1
FGHL50T65SQDT ONSEMI-FGHL50T65SQDT Datasheet
391Kb / 9P
IGBT - Field Stop, Trench 650 V, 50 A
February, 2020 ??Rev. P0
FGAF40S65AQ ONSEMI-FGAF40S65AQ Datasheet
491Kb / 10P
Field Stop Trench IGBT 650 V, 40 A
May, 2021 ??Rev. 3
FGH40T65SPD ONSEMI-FGH40T65SPD Datasheet
585Kb / 9P
IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
FGH50T65SQD ONSEMI-FGH50T65SQD Datasheet
548Kb / 10P
IGBT - Field Stop, Trench 650 V, 50 A
November, 2019 ??Rev. 3
FGH75T65SQD ONSEMI-FGH75T65SQD Datasheet
532Kb / 10P
IGBT - Field Stop, Trench 650 V, 75 A
April, 2020 ??Rev. 5
FGHL40S65UQ ONSEMI-FGHL40S65UQ Datasheet
311Kb / 10P
Field Stop Trench IGBT 40 A, 650 V
May, 2019 ??Rev. P0
FGH40T65SHDF ONSEMI-FGH40T65SHDF Datasheet
503Kb / 9P
IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com