Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZFBT-6GW Datasheet (PDF) - Mini-Circuits

Part # ZFBT-6GW
Description  Bias-Tee 50廓 Wideband 0.1 to 6000 MHz
File Size   204.01 Kbytes
Html View  1   2 
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZFBT-6GW Datasheet (PDF) - Mini-Circuits



Similar Part No. - ZFBT-6GW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZFBT-6GW ETC2-ZFBT-6GW Datasheet
98Kb / 2P
50W Surface Mount
ZFBT-6GW-FT ETC2-ZFBT-6GW-FT Datasheet
98Kb / 2P
50W Surface Mount
logo
Mini-Circuits
ZFBT-6GW-FT MINI-ZFBT-6GW-FT Datasheet
217Kb / 2P
Bias-Tee
REV. C
ZFBT-6GW-FT+ MINI-ZFBT-6GW-FT+ Datasheet
217Kb / 2P
Bias-Tee
REV. C
More results


Similar Description - ZFBT-6GW

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCBT-6G MINI-TCBT-6G Datasheet
159Kb / 1P
Surface Mount Bias-Tees Wideband 50 to 6000 MHz
ZNBT-60-1W MINI-ZNBT-60-1W Datasheet
38Kb / 1P
Bias-Tee Wideband, 2.5 to 6000 MHz
ZABT-2R15G MINI-ZABT-2R15G Datasheet
229Kb / 3P
Bias -Tee / Diplexer 50廓 10 to 2150MHz (10MHz, 950-2150MHz)
ZVA-213 MINI-ZVA-213 Datasheet
222Kb / 2P
Wideband Amplifier 50廓 800 MHz to 21 GHz
logo
Pasternack Enterprises,...
PE1606 PASTERNACK-PE1606 Datasheet
217Kb / 3P
0.1 MHz to 12.4 GHz SMA Bias Tee Rated To 750 mA And 24 Volts DC
PE1607 PASTERNACK-PE1607 Datasheet
252Kb / 3P
0.1 MHz to 18 GHz SMA Bias Tee Rated
PE1608 PASTERNACK-PE1608 Datasheet
311Kb / 3P
0.1 MHz To 26.5 GHz 3.5mm Bias Tee
PE1610 PASTERNACK-PE1610 Datasheet
242Kb / 3P
0.1 MHz to 50 GHz 2.4mm Bias Tee Rated
PE1606A PASTERNACK-PE1606A Datasheet
468Kb / 3P
0.1 MHz to 12.4 GHz SMA Bias Tee Rated to 750 mA And 24 Volts DC
logo
BeRex Corporation
BL022A BEREX-BL022A_18 Datasheet
914Kb / 7P
50-6000 MHz Wideband LNA Gain Block
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com