Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF1407SPBF Datasheet (PDF) - International Rectifier

Part # IRF1407SPBF
Description  HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
File Size   258.07 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1407SPBF Datasheet (PDF) - International Rectifier



Similar Part No. - IRF1407SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1407SPBF IRF-IRF1407SPBF Datasheet
259Kb / 12P
Advanced Process Technology
logo
Infineon Technologies A...
IRF1407SPBF INFINEON-IRF1407SPBF Datasheet
578Kb / 12P
HEXFET짰 Power MOSFET
2016-5-26
logo
International Rectifier
IRF1407SPBF IRF-IRF1407SPBF_15 Datasheet
259Kb / 12P
Advanced Process Technology
More results


Similar Description - IRF1407SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1407S IRF-IRF1407S Datasheet
159Kb / 11P
Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??
IRFP2907PBF IRF-IRFP2907PBF Datasheet
207Kb / 10P
AUTOMOTIVE MOSFET (VDSS = 75V , RDS(on) = 4.5m廓 , ID = 209A)
IRFR4104PBF IRF-IRFR4104PBF Datasheet
273Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 5.5m廓 , ID = 42A )
IRF3710SPBF IRF-IRF3710SPBF Datasheet
279Kb / 11P
HEXFET짰 Power MOSFET ( VDSS = 100V , RDS(on) = 23m廓 , ID = 57A )
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
IRFP054VPBF IRF-IRFP054VPBF Datasheet
176Kb / 9P
HEXFET짰 Power MOSFET ( VDSS = 60V , RDS(on) = 9.0m廓 , ID = 93A )
IRFZ44VZPBF IRF-IRFZ44VZPBF Datasheet
355Kb / 13P
HEXFET짰 Power MOSFET ( VDSS = 60V , RDS(on) = 12m廓 , ID = 57A )
IRFZ44ZPBF IRF-IRFZ44ZPBF Datasheet
291Kb / 13P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
IRL1404PBF IRF-IRL1404PBF Datasheet
133Kb / 9P
HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 4.0m廓 , ID = 160A )
IRF1405ZS-7PPBF IRF-IRF1405ZS-7PPBF Datasheet
696Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 120A )
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com