Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9PL3-241013 Datasheet (PDF) - Belden Inc.

Part # 9PL3-241013
Description  Metered, Upgradeable, 60A, 208V, Vertical, (18) Locking IEC C13
File Size   450.13 Kbytes
Html View  1   2 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9PL3-241013 Datasheet (PDF) - Belden Inc.



Similar Part No. - 9PL3-241013

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9PL3-241015 BELDEN-9PL3-241015 Datasheet
380Kb / 2P
Monitored, Unit Level EC, Upgradeable, 60A, 208V, Vertical
11-14-2022
More results


Similar Description - 9PL3-241013

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4013 SCHURTER-4013 Datasheet
445Kb / 3P
IEC Connector C13, Rewireable, Angled
logo
List of Unclassifed Man...
AP9571 ETC2-AP9571 Datasheet
83Kb / 2P
Rack PDU Basic 1U 30A 208V (12) C13
logo
Tripp Lite. All Rights ...
PDU3MV6H50 TRIPPLITE-PDU3MV6H50 Datasheet
505Kb / 3P
TAA-Compliant 12.6kW 3-Phase Metered PDU, 208V Outlets (36 C13 and 9 C19) Hubbell 50A CS8365C, 6ft Cord, 0U Vertical
PDU3MV6H50A TRIPPLITE-PDU3MV6H50A Datasheet
550Kb / 3P
TAA-Compliant 14.4kW 3-Phase Metered PDU, 208V Outlets 36 C13, 6 C19, 3 L6-30R Hubbell 50A CS8365C, 6ft Cord, 0U Vertical
PDU3VN10G30 TRIPPLITE-PDU3VN10G30 Datasheet
508Kb / 3P
8.6kW 3-Phase Monitored PDU, 208V Outlets (30 C13 and 6 C19), IEC-309 30A Blue, 10ft Cord, 0U Vertical
PDU3VN10G60 TRIPPLITE-PDU3VN10G60 Datasheet
508Kb / 3P
12.6kW 3-Phase Monitored PDU, 208V Outlets (30-C13 and 6-C19), IEC-309 60A Blue, 10ft Cord, 0U Vertical
PDU3VN10G60WTAA TRIPPLITE-PDU3VN10G60WTAA Datasheet
531Kb / 3P
TAA-Compliant 12.6kW 3-Phase Monitored PDU,208V Outlets (30-C13 and 6-C19), IEC-309 60A Blue,10ft Cord, 0U Vertical
logo
Adam Technologies, Inc.
IEC-D-2 ADAM-TECH-IEC-D-2 Datasheet
80Kb / 1P
IEC C13 CONNECTOR
logo
Schneider Electric
AP8868 SCHNEIDER-AP8868 Datasheet
61Kb / 2P
Rack PDU 2G, Metered, ZeroU, 10.0kW, 208V,(36) C13 & (6) C19
Oct 8, 2020
AP7850 SCHNEIDER-AP7850 Datasheet
67Kb / 2P
Rack PDU, Metered, Zero U, 10A, 230V, (16) C13
Sep 20, 2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com