Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G14 Datasheet (PDF) - NXP Semiconductors

Part # 74LVC2G14
Description  Dual inverting Schmitt trigger with 5 V tolerant input
File Size   93.62 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G14 Datasheet (PDF) - NXP Semiconductors



Similar Part No. - 74LVC2G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G14 PHILIPS-74LVC2G14 Datasheet
97Kb / 17P
Dual inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
logo
Diodes Incorporated
74LVC2G14 DIODES-74LVC2G14 Datasheet
242Kb / 10P
DUAL SCHMITT TRIGGER INVERTER
Rev 3
logo
Nexperia B.V. All right...
74LVC2G14 NEXPERIA-74LVC2G14 Datasheet
266Kb / 17P
Dual inverting Schmitt trigger with 5 V tolerant input
Rev. 13 - 24 January 2022
logo
TECH PUBLIC Electronics...
74LVC2G14 TECHPUBLIC-74LVC2G14 Datasheet
2Mb / 7P
Dual Schmitt-Trigger Inverter With 5V Tolerant Input
logo
Nexperia B.V. All right...
74LVC2G14-Q100 NEXPERIA-74LVC2G14-Q100 Datasheet
238Kb / 16P
Dual inverting Schmitt trigger with 5 V tolerant input
More results


Similar Description - 74LVC2G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G14 PHILIPS-74LVC2G14 Datasheet
97Kb / 17P
Dual inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
logo
Integrated Circuit Syst...
74LVC2G17 ICST-74LVC2G17 Datasheet
84Kb / 16P
Dual non-inverting Schmitt-trigger with 5 V tolerant input
logo
NXP Semiconductors
74LVC2G17 PHILIPS-74LVC2G17 Datasheet
96Kb / 17P
Dual non-inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
74LVC2G17 NXP-74LVC2G17 Datasheet
98Kb / 16P
Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 04-9 October 2006
74LVC2G17-Q100 NXP-74LVC2G17-Q100 Datasheet
120Kb / 16P
Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 1-7 August 2012
74LVC2G17GW-G NXP-74LVC2G17GW-G Datasheet
205Kb / 19P
Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 8-2 May 2013
logo
Nexperia B.V. All right...
74LVC2G14-Q100 NEXPERIA-74LVC2G14-Q100 Datasheet
238Kb / 16P
Dual inverting Schmitt trigger with 5 V tolerant input
74LVC2G17-Q100 NEXPERIA-74LVC2G17-Q100 Datasheet
225Kb / 13P
Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 5 - 24 January 2022
74LVC2G14 NEXPERIA-74LVC2G14 Datasheet
266Kb / 17P
Dual inverting Schmitt trigger with 5 V tolerant input
Rev. 13 - 24 January 2022
74LVC2G17 NEXPERIA-74LVC2G17 Datasheet
258Kb / 17P
Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 11 - 24 January 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com