Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

222154 Datasheet (PDF) - Amphenol RF.

Part # 222154
Description  F MALE TERMINATOR
File Size   44.74 Kbytes
Html View  1 
Manufacturer  RF [Amphenol RF.]
Direct Link  https://www.amphenolrf.com/
Logo RF - Amphenol RF.

222154 Datasheet (PDF) - Amphenol RF.



Similar Part No. - 222154

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
222151B ITF-222151B Datasheet
218Kb / 5P
Bandpass Filter
2006-08-29
222153B ITF-222153B Datasheet
198Kb / 5P
Bandpass Filter
2008-09-04
222155B ITF-222155B Datasheet
180Kb / 2P
Typical 1dB bandwidth of 20.7 MHz
Rev 1.0 2013. 04. 01
More results


Similar Description - 222154

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9159 PASTERNACK-PE9159 Datasheet
234Kb / 2P
75 Ohm F Male to F Male Adapter
PE9760 PASTERNACK-PE9760 Datasheet
243Kb / 2P
Precision 75 Ohm F Male to F Male Adapter
PE36135 PASTERNACK-PE36135 Datasheet
261Kb / 1P
CABLE ASSEMBLY RG11A/U F MALE TO F MALE
logo
Adam Technologies, Inc.
RF4-40-D-AS-75 ADAM-TECH-RF4-40-D-AS-75 Datasheet
63Kb / 1P
PAL MALE TO F MALE
logo
Pasternack Enterprises,...
PE6202 PASTERNACK-PE6202 Datasheet
244Kb / 3P
75 Ohm 0.25 Watt HD Compatible F Male Terminator Up To 3 GHz
PE36132 PASTERNACK-PE36132 Datasheet
102Kb / 1P
CABLE ASSEMBLY, RG6-CATV, F MALE TO F MALE
PE36137 PASTERNACK-PE36137 Datasheet
261Kb / 1P
CABLE ASSEMBLY RG179B/U F MALE TO F MALE
PE36139 PASTERNACK-PE36139 Datasheet
261Kb / 1P
CABLE ASSEMBLY, RG187A/U, F MALE TO F MALE
PE37163 PASTERNACK-PE37163_17 Datasheet
90Kb / 1P
CABLE ASSEMBLY, RG6A/U, F MALE TO F MALE
PE91348 PASTERNACK-PE91348 Datasheet
338Kb / 3P
Precision 75 Ohm F Male to F Male Adapter
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com