Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DX07S024XJ4R250 Datasheet (PDF) - Japan Aviation Electronics Industry, Ltd.

Part # DX07S024XJ4R250
Description  Input/Output Connector, USB Type-C connector, Hybrid contacts, VirtualLinkTM compatible products, With rear shield, 24 pos., Center height 3.4mm, 2-row, Receptacle
File Size   179.81 Kbytes
Html View  1   2   3   4 
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DX07S024XJ4R250 Datasheet (PDF) - Japan Aviation Electronics Industry, Ltd.



Similar Part No. - DX07S024XJ4R250

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DX07S024XJ1 JAE-DX07S024XJ1 Datasheet
533Kb / 7P
USB Type-C TM Connector
DX07S024XJ1AR1000 JAE-DX07S024XJ1AR1000 Datasheet
156Kb / 3P
Receptacle, USB Type-C connector, Hybrid contacts, With rear shield, 24 pos., Center height 1.6mm
DX07S024XJ1R1100 JAE-DX07S024XJ1R1100 Datasheet
533Kb / 7P
USB Type-C TM Connector
DX07S024XJ1R1100 JAE-DX07S024XJ1R1100 Datasheet
162Kb / 4P
Receptacle, USB Type-C connector, Hybrid contacts, With rear shield, 24 pos., Center height 1.6mm
More results


Similar Description - DX07S024XJ4R250

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GSB311A41EU AMPHENOL-GSB311A41EU Datasheet
230Kb / 2P
USB 3.0 RECEPTACLE, REVERSE TYPE, CENTER HEIGHT = 4.13MM
logo
TE Connectivity Ltd
108-115008 TEC-108-115008 Datasheet
304Kb / 8P
Shield Finger Scalable Height From 1.24mm to 3.4mm
logo
DDK Ltd.
DSB-RE24-H1A DDK-DSB-RE24-H1A Datasheet
346Kb / 3P
USB Type-C Connector
logo
Kycon, Inc.
KUSBVX-SMT3-CSB30TRC KYCON-KUSBVX-SMT3-CSB30TRC Datasheet
988Kb / 1P
USB Type C Socket, Vertical Mount, SMT Contacts, Long Shield Pins
logo
Global Connector Techno...
USB4050 GCT-USB4050 Datasheet
245Kb / 3P
USB Type C Receptacle Hybrid type, PCB Mid Mount, 1.00mm Offset
21st April 2016
USB4055 GCT-USB4055 Datasheet
238Kb / 3P
USB Type C Receptacle Hybrid type, PCB Top Mount.
21st April 2016
USB4060 GCT-USB4060 Datasheet
233Kb / 3P
USB Type C Receptacle Hybrid type, PCB Mid Mount, 1.00mm Offset
21st April 2016
USB4065 GCT-USB4065 Datasheet
229Kb / 3P
USB Type C Receptacle Hybrid type, PCB Top Mount
21th April 2016
logo
Molex Electronics Ltd.
PS-105448-001 MOLEX-PS-105448-001 Datasheet
415Kb / 8P
USB C type receptacle
REVISION: 4 2015 /10 /30
logo
Hirose Electric
CX90B1-24P HIROSE-CX90B1-24P Datasheet
1Mb / 25P
USB Type-C Connector
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com