Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DX07S024XJ4R250 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # DX07S024XJ4R250
Description  Input/Output Connector, USB Type-C connector, Hybrid contacts, VirtualLinkTM compatible products, With rear shield, 24 pos., Center height 3.4mm, 2-row, Receptacle
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DX07S024XJ4R250 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  DX07S024XJ4R250 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DX07S024XJ4R250 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DX07S024XJ4R250 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DX07S024XJ4R250 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Center Height
3.4 mm
Recommended Board
Thickness
  
Finish of Contact in Connecting
Area
Gold flash over Palladium Nickel over Nickel plating
Shell
Nickel plating
Contact Resistance
40 milliohm max. initial
Dielectric Withstanding
Voltage
AC 100 Vr.m.s. (1 minute)
Insulation Resistance
100 megaohm min.
Operating Temperature Range
-40 deg. C to +85 deg. C
Mating Cycles
10,000 times
Packaging Type
Embossed tape packaging
Quantity in The Standard
Packaging
250 pcs./reel
RoHS compliant
10 substances (2011/65/EU, (EU)2015/863)
REACH compliant
241 substances (27/06/2024)
Remarks
Screw hole M2
Related information
Product Videos



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com