Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D89 Datasheet (PDF) - 3M Electronics

Part # D89
Description  IDC Ribbon Cable Socket
File Size   1198.71 Kbytes
Html View  1   2   3   4 
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

D89 Datasheet (PDF) - 3M Electronics



Similar Part No. - D89

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
D89-004-5887B MITSUMI-D89-004-5887B Datasheet
74Kb / 2P
Mini Serial Bus Connectors (B TYPE)
logo
ZIEHL industrie-elektro...
D890110 ZIEHL-D890110 Datasheet
361Kb / 2P
Universal-Display MINIPAN 350V in Housing for DIN-Rail-Mount
D890210 ZIEHL-D890210 Datasheet
361Kb / 2P
Universal-Display MINIPAN 350V in Housing for DIN-Rail-Mount
D890310 ZIEHL-D890310 Datasheet
361Kb / 2P
Universal-Display MINIPAN 350V in Housing for DIN-Rail-Mount
logo
Mallory Sonalert Produc...
D898600 MSPI-D898600 Datasheet
44Kb / 1P
Rated Voltage: 24 VAC/DC
More results


Similar Description - D89

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDC206AS1 DUBILIER-DBCIDC206AS1 Datasheet
167Kb / 1P
IDC IDC CABLE SOCKET
DBCIDCA3230CGB1 DUBILIER-DBCIDCA3230CGB1 Datasheet
99Kb / 1P
IDC IDC CABLE SOCKET 1.27mm
DBCIDCA7A26BGA1 DUBILIER-DBCIDCA7A26BGA1_11 Datasheet
321Kb / 2P
IDC IDC CABLE SOCKET 1.27mm
DBCIDC206AS1 DUBILIER-DBCIDC206AS1_11 Datasheet
216Kb / 1P
IDC IDC CABLE SOCKET
logo
3M Electronics
D3448-89108 3M-D3448-89108 Datasheet
479Kb / 4P
IDC Ribbon Cable Socket
21-Aug-2013
logo
Adam Technologies, Inc.
MR64-PE-34 ADAM-TECH-MR64-PE-34 Datasheet
88Kb / 1P
RIBBON CABLE IDC TYPE
MR64-SE-34 ADAM-TECH-MR64-SE-34 Datasheet
77Kb / 1P
RIBBON CABLE IDC TYPE
MRXX-SE-14 ADAM-TECH-MRXX-SE-14 Datasheet
131Kb / 1P
IDC MINIATURE RIBBON SOCKET
MRXX-SE-34 ADAM-TECH-MRXX-SE-34 Datasheet
129Kb / 1P
IDC MINIATURE RIBBON SOCKET
MRXX-SF-3 ADAM-TECH-MRXX-SF-3 Datasheet
133Kb / 1P
IDC MINIATURE RIBBON SOCKET
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com