Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D89 Datasheet(PDF) 2 Page - 3M Electronics

Part # D89
Description  IDC Ribbon Cable Socket
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

D89 Datasheet(HTML) 2 Page - 3M Electronics

  D89 Datasheet HTML 1Page - 3M Electronics D89 Datasheet HTML 2Page - 3M Electronics D89 Datasheet HTML 3Page - 3M Electronics D89 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ IDC Ribbon Cable Socket
.100” × .100” for .050” Pitch Cable
D89 Series
TS-2243-F
Sheet 2 of 3
Ordering Information
Sockets
D891XX-0XX1HK
Contact
Quantity
Dimensions
A
B
8
0.58 [ 14.7 ]
0.43 [ 10.9 ]
10
0.68 [ 17.3 ]
0.53 [ 13.5 ]
14
0.88 [ 22.4 ]
0.73 [ 18.5 ]
16
0.98 [ 24.9 ]
0.83 [ 21.1 ]
20
1.18 [ 30.0 ]
1.03 [ 26.2 ]
24
1.38 [ 35.1 ]
1.23 [ 31.2 ]
26
1.48 [ 37.6 ]
1.33 [ 33.8 ]
30
1.68 [ 42.7 ]
1.53 [ 38.9 ]
34
1.88 [ 47.8 ]
1.73 [ 43.9 ]
36
1.98 [ 50.3 ]
1.83 [ 46.5 ]
40
2.18 [ 55.4 ]
2.03 [ 51.6 ]
44
2.38 [ 60.5 ]
2.23 [ 56.4 ]
50
2.68 [ 68.1 ]
2.53 [ 64.3 ]
60
3.18 [ 80.8 ]
3.03 [ 77.0 ]
Inch
(mm)
± .005
± .1
± .01
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only
C
Contact Quantity
See Table
Package Style Options:
0 = Preassembled
3 = Bulk Pack
Polarization Options:
0 = Without Centerbump
1 = With Centerbump
Strain Relief
(Order Separately)
D3448-891XX
Assembly tools: 3M™ Press (or equivalent) 3640 , 3M™ Locator Plate 3443-107N, 3M™Platen 3442-9.
Pull Tabs
(Order Separately)
See TS-0496
Top View of Cover
Bottom View of Body
.240
[ 6.10 ]
.22
[ 5.6]
.15
[ 3.8 ]
A
Strain Relief
.53
[ 13.5 ]
A
.240
[ 6.10 ]
B
Recessed for
Cable Exit
.53
[ 13.5 ]
.200
[ 5.08 ]
.14
[ 3.6 ]
.05
[ 1.27 ]
Triangle
Indicates
Position 1
Dual Polarization
Slots
Position 1
.240
[ 6.10 ]
Position 2
.100
[ 2.54 ]
Typ
.11
[ 2.8 ]
.032
[ 0.81 ]
.026
[ 0.66 ]
.24
[ 6.1 ]
.051
[ 1.30 ]
B
Color: Gray
Breakaway
Tab
Assembled Height Without
Strain Relief
.42 Ref
[ 10.7 ]
.64 Ref
[ 16.3 ]
.57 Ref
[ 14.5 ]
Assembled Height with Standard
Plastic Strain Relief
3435
.100 Typ
[ 2.54 ]
.06 Centerbump
[ 1.5 ] (Optional)
3435-0
Keying Plug
(Optional: Order Separately)
No left slot on 10 & 14 position
No slots on 8 position
Material: Gray Polyester (PBT)
Preassembled View
Plating:
HK = 15 μ” [ 0.38 μm ] Gold
Contact Quantity:
See Table



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com