Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA12-600CW Datasheet (PDF) - SYC Electronica

Part # BTA12-600CW
Description  SNUBBERLESS™, LOGIC LEVEL & STANDARD
File Size   139.47 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

BTA12-600CW Datasheet (PDF) - SYC Electronica



Similar Part No. - BTA12-600CW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA12-600CW STMICROELECTRONICS-BTA12-600CW Datasheet
116Kb / 7P
12A TRIACS
Sep-2002
logo
Kersemi Electronic Co.,...
BTA12-600CW KERSEMI-BTA12-600CW Datasheet
1,011Kb / 5P
12A TRIACS
logo
Inchange Semiconductor ...
BTA12-600CW ISC-BTA12-600CW Datasheet
107Kb / 1P
With TO-220AB insulated package
logo
HAOPIN MICROELECTRONICS...
BTA12-600CW HAOPIN-BTA12-600CW Datasheet
491Kb / 5P
Three quadrant triacs
logo
Shenzhen Luguang Electr...
BTA12-600CW LUGUANG-BTA12-600CW Datasheet
1Mb / 5P
12A Ⅲ&Ⅳ QUADRANTS SERIES TRIACS
Revision:20201216-P1
More results


Similar Description - BTA12-600CW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA06-600C STMICROELECTRONICS-BTA06-600C Datasheet
65Kb / 6P
SNUBBERLESS?? LOGIC LEVEL & STANDARD
Apr-2002
logo
Nell Semiconductor Co.,...
4T06A-CW NELLSEMI-4T06A-CW Datasheet
414Kb / 7P
TRIACs, 4A Snubberless, Logic Level and Standard
8T06A-BW NELLSEMI-8T06A-BW Datasheet
674Kb / 7P
TRIACs, 8A Snubberless, Logic Level and Standard
16T06A-BW NELLSEMI-16T06A-BW Datasheet
2Mb / 7P
TRIACs, 16A Snubberless, Logic Level and Standard
logo
STMicroelectronics
T435-800T STMICROELECTRONICS-T435-800T Datasheet
119Kb / 10P
SNUBBERLESS??& LOGIC LEVEL
25-Mar-2005
logo
Nell Semiconductor Co.,...
12T NELLSEMI-12T Datasheet
659Kb / 7P
Snubberless, Logic Level and Standard
16T NELLSEMI-16T Datasheet
661Kb / 7P
Snubberless, Logic Level and Standard
logo
STMicroelectronics
BTA12 STMICROELECTRONICS-BTA12_V01 Datasheet
236Kb / 16P
12 A Snubberless™, logic level and standard Triacs
07-Feb-2019
BTA08 STMICROELECTRONICS-BTA08_V01 Datasheet
274Kb / 21P
Snubberless™, logic level and standard 8 A Triacs
09-Aug-2018
BTA16 STMICROELECTRONICS-BTA16_V01 Datasheet
217Kb / 18P
Snubberless™, logic level and standard 16 A Triacs
30-May-2018
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com