Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3149 Datasheet (PDF) - Adafruit Industries

Part # 3149
Description  Adafruit 0.8" 8x16 LED Matrix FeatherWing Display Kit - White
File Size   125.09 Kbytes
Html View  1   2 
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3149 Datasheet (PDF) - Adafruit Industries



Similar Part No. - 3149

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3149 ETC2-3149 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
logo
KR Electronics, Inc.
3149 KR-3149 Datasheet
57Kb / 3P
1 MHz Bandpass Filter
logo
List of Unclassifed Man...
3149 ETC2-3149 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3149 HEYCO-3149 Datasheet
126Kb / 1P
Metric Ergonomic Plugs
logo
Carclo Technical Plasti...
3149 COIL-3149 Datasheet
3Mb / 24P
OPTICS CATALOGUE
More results


Similar Description - 3149

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BM-40258 ETC-BM-40258 Datasheet
182Kb / 1P
LED DOT MATRIX DISPLAY
logo
Yellow Stone Corp
BM-07257MD YSTONE-BM-07257MD Datasheet
124Kb / 1P
LED DOT MATRIX DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BM-10EG58ND BRIGHT-BM-10EG58ND Datasheet
165Kb / 3P
LED DOT MATRIX DISPLAY
BM-20EG88ND BRIGHT-BM-20EG88ND Datasheet
182Kb / 3P
LED DOT MATRIX DISPLAY
BM-22EG58ND BRIGHT-BM-22EG58ND Datasheet
92Kb / 1P
LED DOT MATRIX DISPLAY
BM-08288MD BRIGHT-BM-08288MD Datasheet
314Kb / 3P
20.20mm(0.8) matrix height 8횞8 dot matrix display
BM-08658MD BRIGHT-BM-08658MD Datasheet
354Kb / 3P
20.3mm (0.8) matrix height 5횞8 dot matrix display
logo
BetLux Electronics
BL-M07C881 BETLUX-BL-M07C881 Datasheet
367Kb / 5P
20.20mm (0.8) :u1.9 dot matrix LED display
REV NO: V.2
logo
JFW Industries, Inc.
50MS-335 JFW-50MS-335 Datasheet
72Kb / 1P
8x16 NON-BLOCKING MATRIX SWITCH
logo
List of Unclassifed Man...
TOM-2057BS-B ETC1-TOM-2057BS-B Datasheet
356Kb / 2P
Dot Matrix Display LED
2019/2/15
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com