Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2788 Datasheet (PDF) - Adafruit Industries

Part # 2788
Description  3.5 / 1.3mm or 3.8 / 1.1mm to 5.5 / 2.1mm DC Jack Adapter Cable
File Size   103.94 Kbytes
Html View  1 
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2788 Datasheet (PDF) - Adafruit Industries



Similar Part No. - 2788

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2788 KR-2788 Datasheet
58Kb / 2P
85 MHz differential lowpass filter
logo
Kemet Corporation
2788 KEMET-2788 Datasheet
739Kb / 4P
For voltage balancing and/or discharge of electrolytic capacitors
logo
PHOENIX CONTACT
2788061 PHOENIX-2788061 Datasheet
42Kb / 2P
Surge protection device - TT-UKK5-M/220AC
2788090 PHOENIX-2788090 Datasheet
134Kb / 5P
TT-UKK5-D/ 24DC
logo
Festo Corporation.
2788114 FESTO-2788114 Datasheet
72Kb / 1P
Adapter kit
More results


Similar Description - 2788

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMT11D20C1 ETC2-FMT11D20C1 Datasheet
32Kb / 1P
1.3mm /1.1mm Ceramic Surface Mount Crystals
logo
Pomona Electronics
73058 POMONA-73058 Datasheet
104Kb / 1P
UHF Jack to Jack Adapter
logo
Caliber Electronics Inc...
FA20C1 CALIBER-FA20C1 Datasheet
37Kb / 1P
1.3mm /1.1mm Ceramic Surface Mount Crystals
logo
Tensility International...
50-00202 TENSILITY-50-00202 Datasheet
309Kb / 2P
Connector, 4C 3.5 mm jack to 4C 2.5 mm plug adapter
logo
List of Unclassifed Man...
JR8306-1.5M ETC2-JR8306-1.5M Datasheet
232Kb / 1P
2.1mm DC Plug to 2.1mm DC Jack
PPW00024 ETC2-PPW00024 Datasheet
157Kb / 1P
2.1mm DC Plug to Plug
logo
CUI INC
PJ-030D-SMT CUI-PJ-030D-SMT Datasheet
87Kb / 1P
1.3mm SURFACE MOUNT POWER JACK
logo
SparkFun Electronics
PRT-10288 SPARKFUN-PRT-10288 Datasheet
88Kb / 1P
DC Barrel Jack Adapter - Female
8/5/2016
logo
Huber+Suhner, Inc.
31_PC35-50-0-1199_U HUBERSUHNER-31_PC35-50-0-1199_U Datasheet
489Kb / 2P
COAXIAL ADAPTER, PC 3.5, 50 Ohm, jack / jack (female / female)
31_PC35-50-0-2199_N HUBERSUHNER-31_PC35-50-0-2199_N Datasheet
473Kb / 2P
COAXIAL ADAPTER, PC 3.5, 50 Ohm, jack / jack (female / female)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com