Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2880 Datasheet (PDF) - Adafruit Industries

Part # 2880
Description  2-pin JST SM Plug Receptacle Cable Set
File Size   204.66 Kbytes
Html View  1   2   3 
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2880 Datasheet (PDF) - Adafruit Industries



Similar Part No. - 2880

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2880 KR-2880 Datasheet
35Kb / 2P
140 MHz Center Frequency
logo
Multicomp Pro
2880 MULTICOMP-2880 Datasheet
114Kb / 1P
Round Aluminum Through Hole Spacer
01/08/12 V1.0
logo
PHOENIX CONTACT
2880024 PHOENIX-2880024 Datasheet
366Kb / 9P
PT 2X1VA/S1-230AC-ST - Surge protection plug
2880134 PHOENIX-2880134 Datasheet
64Kb / 5P
19" rack with 20 surge protected ports for data interfaces in Ethernet (1000Base-T), Token Ring and FDDI/CDDI networks in acc. with Class D/EN 50173 (CAT5e), connection on the protective device: RJ45 sockets
2880147 PHOENIX-2880147 Datasheet
64Kb / 5P
19" rack with 16 surge protected ports for data interfaces in Ethernet (1000Base-T), Token Ring and FDDI/CDDI networks in acc. with Class D/EN 50173 (CAT5e), connection on the protective device: RJ45 sockets
More results


Similar Description - 2880

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
AC8221020 OPTOSUPPLY-AC8221020 Datasheet
580Kb / 1P
JST compatible female socket to 4-pin socket cable wire
AC8521020 OPTOSUPPLY-AC8521020 Datasheet
586Kb / 1P
JST compatible female socket to DC plug cable wire.
logo
List of Unclassifed Man...
426050300-3 ETC2-426050300-3 Datasheet
10Kb / 2P
CABLE: CABLE-JST XHP 5WAY, 300mm
logo
SparkFun Electronics
PRT-14707 SPARKFUN-PRT-14707 Datasheet
74Kb / 1P
JST-PH Male to JST-SM Female Adapter
8????8
PRT-14708 SPARKFUN-PRT-14708 Datasheet
200Kb / 1P
JST PH Female to JST SM Male Adapter
8-6-18
PRT-14998 SPARKFUN-PRT-14998 Datasheet
82Kb / 1P
JST-PH Male to JST-SM Male Adapter - 100mm
11????8
PRT-14999 SPARKFUN-PRT-14999 Datasheet
106Kb / 2P
JST-PH Female to JST-SM Female Adapter - 100mm
11????8
logo
PHOENIX CONTACT
1605852 PHOENIX-1605852 Datasheet
62Kb / 3P
Cable plug-in connector - SM-7ES1N8A8003
22.04.2013
logo
SparkFun Electronics
TOL-08734 SPARKFUN-TOL-08734 Datasheet
91Kb / 1P
Barrel Jack to 2-pin JST
11/16/2015
logo
WAGO Kontakttechnik Gmb...
870-151 WAGO-870-151 Datasheet
280Kb / 9P
2-Pin/2-pin double deck receptacle terminal block
29.12.2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com