Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38798 Datasheet (PDF) - Wiha Tools

Part # 38798
Description  WORK IN A PERFECTLY PROTECTED WAY
File Size   7252.72 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

38798 Datasheet (PDF) - Wiha Tools



Similar Part No. - 38798

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
387 ADAFRUIT-387 Datasheet
376Kb / 1P
SUPER-BRIGHT 5MM IR LED
logo
EDAC, All Rights Reserv...
387-006-520-101 EDAC-387-006-520-101 Datasheet
290Kb / 4P
387 Series Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
387-006-520-101 EDAC-387-006-520-101 Datasheet
137Kb / 3P
387 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
387-006-520-102 EDAC-387-006-520-102 Datasheet
290Kb / 4P
387 Series Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
387-006-520-102 EDAC-387-006-520-102 Datasheet
138Kb / 3P
387 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
More results


Similar Description - 38798

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT04-08PA AMPHENOL-AT04-08PA Datasheet
637Kb / 1P
Recpt, 8 Way, Key A
AT06-08SA AMPHENOL-AT06-08SA Datasheet
169Kb / 1P
Plug, 8 Way, Key A
logo
Littelfuse
SMOV34S LITTELFUSE-SMOV34S Datasheet
983Kb / 6P
The Littelfuse SMOV thermally protected varistor is a self-protected device.
logo
M/A-COM Technology Solu...
DS-318 MA-COM-DS-318 Datasheet
106Kb / 2P
Plug-In Two-Way Power Divider
logo
STMicroelectronics
AN4205 STMICROELECTRONICS-AN4205 Datasheet
884Kb / 23P
The most recent developments in energy savings fit perfectly
19-Apr-2013
logo
Teledyne Technologies I...
PD4F3000 TELEDYNE-PD4F3000 Datasheet
158Kb / 2P
FOUR-WAY IN- PHASE POWER DIVIDER
PDTS1000 TELEDYNE-PDTS1000 Datasheet
146Kb / 2P
TWO-WAY IN-PHASE POWER DIVIDER
PDTS2000 TELEDYNE-PDTS2000 Datasheet
143Kb / 2P
TWO-WAY IN- PHASE POWER DIVIDER
logo
Dialog Semiconductor
SLG59H1302C DIALOG-SLG59H1302C Datasheet
354Kb / 13P
A Surge-protected, 28 V Tolerant Power Splitter in WLCSP
logo
Renesas Technology Corp
SLG59H1302C RENESAS-SLG59H1302C Datasheet
1,012Kb / 16P
A Surge-protected, 28 V Tolerant Power Splitter in WLCSP
2-Feb-2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com