| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
LPC2378
|
253Kb / 54P |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 01-6 December 2006 |
|
LPC2387
|
1Mb / 47P |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev.01.00-6 November 2007 |
|
LPC2387
|
226Kb / 47P |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 02-1 February 2008 |
|
LPC2377
|
258Kb / 55P |
Single-chip 16-bit/32-bit microcontroller; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 04-19 November 2008 |
|
LPC2387_0810
|
241Kb / 52P |
Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 03-29 October 2008 |
|
LPC2388
|
275Kb / 61P |
Single-chip 16-bit/32-bit micro; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 01-19 December 2008 |
|
LPC2387
|
464Kb / 64P |
Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 4-10 February 2011 |
|
LPC2377
|
351Kb / 69P |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 6.1??6 October 2013 |
|
LPC2387
|
439Kb / 66P |
Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 5.1??6 October 2013 |
|
LPC2388
|
378Kb / 74P |
Single-chip 16-bit/32-bit micro; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 3 ??15 October 2013 |