Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4950TS.A Datasheet (PDF) - Texas Instruments

Part # LM4950TS.A
Description  LM4950 Boomer ™ Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
File Size   2992.66 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4950TS.A Datasheet (PDF) - Texas Instruments



Similar Part No. - LM4950TS.A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4950TS NSC-LM4950TS Datasheet
1Mb / 25P
7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
logo
Texas Instruments
LM4950TS TI1-LM4950TS Datasheet
3Mb / 30P
LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
LM4950TS/NOPB TI1-LM4950TS/NOPB Datasheet
3Mb / 30P
LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
LM4950TSX-NOPB TI1-LM4950TSX-NOPB Datasheet
3Mb / 30P
LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
LM4950TSX/NOPB TI1-LM4950TSX/NOPB Datasheet
3Mb / 30P
LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
More results


Similar Description - LM4950TS.A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7134NR PANASONIC-AN7134NR Datasheet
273Kb / 5P
DUAL 7.5W AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4780 NSC-LM4780 Datasheet
1Mb / 24P
Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier with Mute
LM4855 NSC-LM4855 Datasheet
1Mb / 24P
Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
LM4950 NSC-LM4950 Datasheet
1Mb / 25P
7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
LM4995 NSC-LM4995 Datasheet
769Kb / 15P
BOOMER-R AUDIO POWER AMPLIFIER SERIES
logo
Texas Instruments
LM4950TSX-NOPB TI1-LM4950TSX-NOPB Datasheet
3Mb / 30P
LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
LM4930 TI-LM4930_15 Datasheet
1Mb / 40P
LM4930 Boomer??Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4952 TI-LM4952_15 Datasheet
1Mb / 25P
Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
LM4780 TI1-LM4780 Datasheet
1Mb / 31P
Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2071 ANPEC-APA2071_15 Datasheet
393Kb / 24P
Stereo 3.1W Non-inverting Audio Power Amplifier
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com