Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0124 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # IPC0124
Description  DFN-12 to DIP-16 SMT Adapter (0.45 mm pitch, 3.0 x 3.0 mm body)
File Size   44.63 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0124 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - IPC0124

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0120 PROTOADVANTAGE-IPC0120 Datasheet
44Kb / 2P
QFN-52 to DIP-56 SMT Adapter (0.5 mm pitch, 8 x 8 mm body)
revision 1.0
IPC0121 PROTOADVANTAGE-IPC0121 Datasheet
44Kb / 2P
QFN-8 to DIP-8 SMT Adapter (0.5 mm pitch, 1.5 x 1.5 mm body)
revision 1.0
IPC0122 PROTOADVANTAGE-IPC0122 Datasheet
44Kb / 2P
QFN-32 to DIP-36 SMT Adapter (0.4 mm pitch, 4.0 x 4.0 mm body)
revision 1.0
IPC0123 PROTOADVANTAGE-IPC0123 Datasheet
44Kb / 2P
DFN-6 to DIP-10 SMT Adapter (0.65 mm pitch, 2.0 x 2.0 mm body, split pad)
revision 1.0
IPC0125 PROTOADVANTAGE-IPC0125 Datasheet
44Kb / 2P
QFN-24 to DIP-28 SMT Adapter (0.5 mm pitch, 4.5 x 3.5 mm body)
revision 1.0
More results


Similar Description - IPC0124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN216RPH PANASONIC-LN216RPH Datasheet
32Kb / 1P
3.0 mm X 7.0 mm Series
LNG898CK8 PANASONIC-LNG898CK8 Datasheet
30Kb / 1P
3.0 mm InGaAIP
logo
OPTEK Technologies
OVSTRGBFC6 OPTEK-OVSTRGBFC6 Datasheet
1Mb / 9P
Full Color SMT Chip LED (3.5 x 3.0 x 1.4 mm)
logo
RF Monolithics, Inc
TQFN-1633 RFM-TQFN-1633 Datasheet
61Kb / 3P
16-Terminal Ceramic Surface-Mount Case 3.0 X 3.0 mm Nominal Footprint
logo
Knowles Electronics
2403-260-00086 KNOWLES-2403-260-00086 Datasheet
438Kb / 20P
Industry-leading dimensions: 9 x 16 x 3.0 mm
logo
Kingbright Corporation
APA3010P3BT-P22 KINGBRIGHT-APA3010P3BT-P22 Datasheet
566Kb / 4P
3.0 mm x 1.0 mm Right Angle Phototransistor
logo
Murata Manufacturing Co...
SF2412E MURATA-SF2412E Datasheet
490Kb / 4P
Surface Mount 3.0 x 3.0 mm Package
logo
TT Electronics.
OVSTRGBFC6 TTELEC-OVSTRGBFC6 Datasheet
1Mb / 9P
Full Color SMT Chip LED (3.5 x 3.0 x 1.4 mm)
logo
Panasonic Semiconductor
EVPAWBD40 PANASONIC-EVPAWBD40 Datasheet
297Kb / 8P
Tactile Switches 3.0 mm x 2.0 mm SMD
logo
TAI-SAW TECHNOLOGY CO.,...
TC0663A TAI-SAW-TC0663A Datasheet
413Kb / 7P
1568.979 MHz SMD 3.0 x 3.0 mm SAW Resonator
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com