Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HST04S80D Datasheet (PDF) - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HST04S80D
Description  HST04S80D 4A TRIAC
File Size   1096.55 Kbytes
Html View  1   2   3   4   5 
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HST04S80D Datasheet (PDF) - Guangdong Huixin Electronic Technology Co., Ltd.



Similar Part No. - HST04S80D

ManufacturerPart #DatasheetDescription
logo
Guangdong Huixin Electr...
HST04S80F HUIXIN-HST04S80F Datasheet
828Kb / 4P
HST04S80F 4A TRIAC
More results


Similar Description - HST04S80D

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE56040 NTE-NTE56040 Datasheet
20Kb / 2P
TRIAC, 4A Sensitive Gate
logo
STMicroelectronics
T405Q-600B-TR STMICROELECTRONICS-T405Q-600B-TR Datasheet
70Kb / 7P
Sensitive 4Q 4A TRIAC
Jul-2002
BTB04-600SL STMICROELECTRONICS-BTB04-600SL Datasheet
69Kb / 5P
STANDARD 4A TRIAC
Mar-2002
logo
SemiHow Co.,Ltd.
HTU4-600 SEMIHOW-HTU4-600 Datasheet
322Kb / 5P
600V 4A TRIAC
logo
Hi-Sincerity Mocroelect...
HST04 HSMC-HST04 Datasheet
130Kb / 4P
TRIAC 600V,4A
logo
SemiHow Co.,Ltd.
HTD4-600 SEMIHOW-HTD4-600 Datasheet
211Kb / 6P
600V 4A TRIAC
HTM4-600 SEMIHOW-HTM4-600 Datasheet
338Kb / 6P
600V 4A TRIAC
HTX4-600 SEMIHOW-HTX4-600 Datasheet
266Kb / 6P
600V 4A TRIAC
HTC4-600 SEMIHOW-HTC4-600 Datasheet
338Kb / 6P
600V 4A TRIAC
logo
DONGGUAN YOU FENG WEI E...
BT134 YFWDIODE-BT134 Datasheet
619Kb / 4P
4A Four-quadrant triac
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com