Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53244-2 Datasheet (PDF) - TE Connectivity Ltd

Part # 53244-2
Description  TERMINAL, SPRING SPADE, SHORT, PLASTI-GRIP WIRE SIZE: 16-14
File Size   93.84 Kbytes
Html View  1 
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

53244-2 Datasheet (PDF) - TE Connectivity Ltd



Similar Part No. - 53244-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
53244-1 TEC-53244-1 Datasheet
2Mb / 6P
PLASTI-GRIP Terminals & Splices
08/2013
More results


Similar Description - 53244-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
52856 MACOM-52856 Datasheet
91Kb / 1P
TERMINAL, SPADE, FLANGED, PLASTI-GRIP, WIRE SIZE: 12-10 AWG
52936 MACOM-52936 Datasheet
75Kb / 1P
TERMINAL, SHORT SPRING SPADE, PIDG, WIRE SIZE: 16-14 AWG
34068 MACOM-34068 Datasheet
46Kb / 1P
WIRE SPLICE PLASTI GRIP, BUTT, WIRE SIZE: 16-14
34176 MACOM-34176 Datasheet
76Kb / 1P
TERMINAL, SPADE, PLASTI-GRIP WIRE SIZE:12-10 AWG
10054 MACOM-10054 Datasheet
39Kb / 1P
TERMINAL, SPADE, PLASTI GRIP
52963 MACOM-52963 Datasheet
91Kb / 1P
TERMINAL, SPRING SPADE, SHORT, PLASTI-GRIP WIRE SIZE: 12-10 AWG
52421-1 MACOM-52421-1 Datasheet
54Kb / 1P
TERMINAL, PIDG, SPRING SPADE, WIRE SIZE: 16-14
logo
TE Connectivity Ltd
52422 TEC-52422 Datasheet
74Kb / 1P
TERMINAL, PIDG, SPRING SPADE, WIRE SIZE: 16 - 14 AWG
52930 TEC-52930 Datasheet
80Kb / 1P
TERMINAL, SHORT SPRING SPADE, PIDG, WIRE SIZE: 22 - 16 AWG
52929 TEC-52929 Datasheet
79Kb / 1P
TERMINAL, SHORT SPRING SPADE, PIDG, WIRE SIZE: 22-16 AWG
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com