Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8693 Datasheet (PDF) - Jiaxing Heroic Technology Co.,Ltd.

Part # HT8693
Description  10W Anti-Clipping Mono Class D Audio Amplifier
File Size   1183.2 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT8693 Datasheet (PDF) - Jiaxing Heroic Technology Co.,Ltd.



Similar Part No. - HT8693_V01

ManufacturerPart #DatasheetDescription
logo
Jiaxing Heroic Technolo...
HT8693SP HEROIC-HT8693SP Datasheet
175Kb / 2P
10W anti-breaking mono D-class audio amplifier
More results


Similar Description - HT8693_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
10W MONO CLASS-D AMPLIFIER
Sep-1998
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
10W MONO CLASS-D AMPLIFIER
Feb-1998
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
Mono Class-D Audio Amplifier
logo
Diodes Incorporated
PAM8012 DIODES-PAM8012 Datasheet
450Kb / 14P
MONO 2.0W ANTI-SATURATION CLASS-D AUDIO POWER AMPLIFIER
Rev 1
logo
Jiaxing Heroic Technolo...
HT8693 HEROIC-HT8693 Datasheet
175Kb / 2P
10W anti-breaking mono D-class audio amplifier
logo
Shenzhenshi YONGFUKANG ...
HT6872 YONGFUKANG-HT6872 Datasheet
610Kb / 12P
4.7W anti-cutting top mono Class D audio power amplifier
logo
Shenzhen Huazhimei Semi...
HM8881 HMSEMI-HM8881 Datasheet
1Mb / 13P
6.4W Anti-Clipping Mono Audio Power Amplifier
HM2011 HMSEMI-HM2011 Datasheet
941Kb / 14P
4.7W Anti-cutting Mono Class D Audio Power Amplifier
HM8874 HMSEMI-HM8874 Datasheet
1Mb / 17P
10W anti-breaking sound mono Class D audio power amplifier
logo
Shenzhen Naxinwei Techn...
NS4110 NSIWAY-NS4110 Datasheet
611Kb / 14P
Class AB/D dual-mode, 10W mono audio amplifier
V1.0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com