Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN85 Datasheet (PDF) - Zetex Semiconductors

Part # DN85
Description  ZXSC400 1W/3W buck LED drivers
File Size   162.14 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

DN85 Datasheet (PDF) - Zetex Semiconductors



Similar Part No. - DN85

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN8506S PANASONIC-DN8506S Datasheet
33Kb / 3P
Prescaler IC for TV and VCR tuners
DN8522S PANASONIC-DN8522S Datasheet
34Kb / 3P
Prescaler IC for CATV
More results


Similar Description - DN85

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
DN84 ZETEX-DN84 Datasheet
120Kb / 4P
ZXSC400 Driving 3W high power LEDs
logo
Lite-On Technology Corp...
LTPL-P011MS LITEON-LTPL-P011MS Datasheet
159Kb / 1P
High Power LED - 1W, 3W, and 5W
LTPL-P011WS57 LITEON-LTPL-P011WS57 Datasheet
159Kb / 1P
High Power LED - 1W, 3W, and 5W
LTPL-P013MSS0 LITEON-LTPL-P013MSS0 Datasheet
159Kb / 1P
High Power LED - 1W, 3W, and 5W
LTPL-P013NSS0 LITEON-LTPL-P013NSS0 Datasheet
159Kb / 1P
High Power LED - 1W, 3W, and 5W
LTPL-P013NST2 LITEON-LTPL-P013NST2 Datasheet
159Kb / 1P
High Power LED - 1W, 3W, and 5W
LTPL-P013WST1 LITEON-LTPL-P013WST1 Datasheet
159Kb / 1P
High Power LED - 1W, 3W, and 5W
LTPL-P013WST2 LITEON-LTPL-P013WST2 Datasheet
159Kb / 1P
High Power LED - 1W, 3W, and 5W
LTPL-P014NST1 LITEON-LTPL-P014NST1 Datasheet
159Kb / 1P
High Power LED - 1W, 3W, and 5W
logo
SHOUDING Shouding Semic...
SD3301 SHOUDING-SD3301 Datasheet
648Kb / 4P
1W & 3W Light touch switch LED / head light drive
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com