Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN85 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # DN85
Description  ZXSC400 1W/3W buck LED drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

DN85 Datasheet(HTML) 2 Page - Zetex Semiconductors

  DN85 Datasheet HTML 1Page - Zetex Semiconductors DN85 Datasheet HTML 2Page - Zetex Semiconductors DN85 Datasheet HTML 3Page - Zetex Semiconductors DN85 Datasheet HTML 4Page - Zetex Semiconductors DN85 Datasheet HTML 5Page - Zetex Semiconductors DN85 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DN85
www.zetex.com
2
Issue 1 - August 2007
© Zetex Semiconductors plc 2007
Ref. Value
Package Part number
Manufacturer Contact details
Notes
U1
N/A
SOT23-6 ZXSC400E6
Zetex
www.zetex.com
LED Driver
Q1
N/A
SOT23
ZXTN25012EFL Zetex
www.zetex.com
Low sat NPN
transistor
D1
40V/0.75A SOT23
BAT750
Zetex
www.zetex.com
40V/0.75A
Schottky diode
L1
47 H
N/A
744052470
Wurth
Elektronik
www.we-online.com ISAT = 520mA
R1
62m
0805
Generic
N/A
0805 1%
R2
10
0805
Generic
N/A
0805 5%
R3
47
0805
Generic
N/A
0805 5%
C1
4.7 F/10V 1206
Generic
N/A
X7R/X5R
C2
100pF/10V 0805
Generic
N/A
COG/NPO
C3
1uF/10V
0805
Generic
N/A
X7R/X5R optional
Table 1
Bill of materials for 1W LED



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com