Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0213 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # PA0213
Description  TSOP-86 (II) to DIP-86 SMT Adapter (0.5 mm pitch, 10.16 mm body)
File Size   48.8 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

PA0213 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - PA0213

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0213-S PROTOADVANTAGE-PA0213-S Datasheet
41Kb / 1P
TSOP-86 (II) Stencil (0.5 mm pitch, 10.16 mm body)
revision 1.0
More results


Similar Description - PA0213

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6420 AVAGO-AMMC-6420 Datasheet
555Kb / 8P
86 - 18 GHz Power Amplifier
logo
Aries Electronics, Inc.
32-655000-10 ARIES-32-655000-10 Datasheet
676Kb / 1P
TSOP-to-DIP 0.600 [15.24] Adapter
logo
ERNI Electronics
254842 ERNI-254842 Datasheet
288Kb / 1P
FEDERLEISTE E 86 EE
logo
PIC GmbH
MS-104-3 PIC-MS-104-3_15 Datasheet
113Kb / 2P
Micro Reed Sensor pitch 10.16 mm
logo
Aries Electronics, Inc.
18041 ARIES-18041 Datasheet
746Kb / 1P
Series 655000 TSOP-to-DIP 0.600 15.24 Adapter
logo
Alliance Semiconductor ...
AS4C4M32SA-7TCN ALSC-AS4C4M32SA-7TCN Datasheet
1Mb / 47P
4M x 32bit -AS4C4M32SA - 86-pin TSOP II PACKAGE
logo
Artesyn Technologies
ATA ARTESYN-ATA Datasheet
395Kb / 2P
Efficiency up to 86%
logo
Integrated Device Techn...
EXE8602 IDT-EXE8602 Datasheet
189Kb / 2P
71 ??86 GHz Power Detector
logo
Tripp Lite. All Rights ...
N042U-MB1 TRIPPLITE-N042U-MB1 Datasheet
50Kb / 2P
Single-Gang Surface Mounting Box, UK Style, 86 x 86 x 47 mm, White
logo
Advantech Co., Ltd.
VUE-86-4K ADVANTECH-VUE-86-4K Datasheet
238Kb / 2P
Advantech 86" Digital Signage Series
19-Dec-2019
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com