Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X10213 Datasheet (PDF) - United Automation Ltd. All rights reserved

Part # X10213
Description  25A, 110V / 230V Variable Phase Angle AC Regulator
File Size   545.63 Kbytes
Html View  1   2 
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved

X10213 Datasheet (PDF) - United Automation Ltd. All rights reserved



Similar Part No. - X10213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X10213 ETC2-X10213 Datasheet
116Kb / 3P
MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
logo
United Automation Ltd. ...
X10213 UNITEDAUTOMATION-X10213 Datasheet
56Kb / 1P
MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
31/07/12
X10213 UNITEDAUTOMATION-X10213 Datasheet
192Kb / 2P
PHASE ANGLE POWER 25A ac CONTROL MODULE
17/07/98
X10213 UNITEDAUTOMATION-X10213 Datasheet
517Kb / 2P
Phase Angle Power Control Module
19 January 2026
X10213 UNITEDAUTOMATION-X10213 Datasheet
727Kb / 4P
Standard with 15A / 17A, 110V / 230V Variable AC Regulator
1 July 2025
More results


Similar Description - X10213

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF250 SANYO-DBF250 Datasheet
21Kb / 3P
25A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBPC25S WTE-KBPC25S Datasheet
66Kb / 4P
25A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB2505W TAITRON-MB2505W Datasheet
143Kb / 4P
25A Single-Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25NT NAINA-25NT Datasheet
102Kb / 2P
Phase Control Thyristors, 25A
logo
List of Unclassifed Man...
LXD1M7 ETC-LXD1M7 Datasheet
60Kb / 1P
CONTACTOR COIL 220/230V AC IEC
logo
GOOD-ARK Electronics
SSF1109 GOOD-ARK-SSF1109 Datasheet
1Mb / 7P
110V Channel MOSFET
logo
ORION FANS
OA254XC ORIONFANS-OA254XC Datasheet
399Kb / 1P
AC Fan - 115V, 230V High Performance
logo
Weidmuller
1351650000 WEIDMULLER-1351650000 Datasheet
546Kb / 5P
VPU III R 230V/6KV AC
logo
Alpha & Omega Semicondu...
AOZ2368QI-11 AOSMD-AOZ2368QI-11 Datasheet
1Mb / 18P
24V/25A Synchronous EZBuckTM Regulator
Rev. 2.1 May 2022
logo
TiMOTION Technology Co....
TIP5 TIMOTION-TIP5 Datasheet
344Kb / 4P
Input voltage 115 or 230V AC
20221027-B
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com