Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2412DPU Datasheet (PDF) - Infinite Electronics International, Inc.

Part # HG2412DPU
Description  2400-2500 MHz 12 dBi Gain MIMO Omnidirectional Antenna - Type N Female Connector, PVC Radome
File Size   257.39 Kbytes
Html View  1   2   3 
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2412DPU Datasheet (PDF) - Infinite Electronics International, Inc.



Similar Part No. - HG2412DPU

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2412P L-COM-HG2412P Datasheet
249Kb / 3P
HyperLink Wireless 2.4 GHz 11 dBi Mini Panel Antenna
HG2412P-180 L-COM-HG2412P-180 Datasheet
232Kb / 2P
HyperLink Wireless Brand 2.4 GHz 12 dBi 180° Sector Panel Antenna
HG2412SXP-120 L-COM-HG2412SXP-120 Datasheet
536Kb / 3P
HyperLink Wireless 2.4 GHz 12 dBi Spatial Diversity/X-Pol 120° Sector Antenna
HG2412SY-NF L-COM-HG2412SY-NF Datasheet
67Kb / 1P
2.4GHz 12dBi YAGI ANTENNA W/ 7 INCH PIGTAIL AND N-FEMALE CONNECTOR
11/09/11
HG2412U-PRO L-COM-HG2412U-PRO Datasheet
243Kb / 3P
HyperLink Wireless Brand 2.4 GHz Professional 12 dBi Omnidirectional Antenna
More results


Similar Description - HG2412DPU

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51030 PASTERNACK-PE51030 Datasheet
129Kb / 1P
Vertical Omni Antenna 2400 MHz, 10.0 dBi
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51041 PASTERNACK-PE51041 Datasheet
71Kb / 1P
Panel Antenna 2400-2483 MHz,14 dBi
PE51049 PASTERNACK-PE51049 Datasheet
92Kb / 1P
WiMax Panel Antenna 2400-2500 MHz, 19 dBi
PE51061 PASTERNACK-PE51061 Datasheet
63Kb / 1P
Vertical Omni Antenna 2400-2500, 8.0 dBi
PE51064 PASTERNACK-PE51064 Datasheet
59Kb / 1P
Mini Vertical Antenna 2500 MHz, 3 dBi
PE51088 PASTERNACK-PE51088 Datasheet
283Kb / 1P
Mini Omni Antenna 2400-2500 & 4900-5825 MHz 2.0 dBi
PE51133 PASTERNACK-PE51133 Datasheet
256Kb / 1P
Mini Vertical Antenna 2400-2500 MHz 3 dBi
logo
TE Connectivity Ltd
2195772-1 TEC-2195772-1 Datasheet
2Mb / 2P
2400-2500 MHz 5DBI ANTENNA
logo
Pasternack Enterprises,...
PE51OM1039 PASTERNACK-PE51OM1039 Datasheet
541Kb / 4P
6 dBi MIMO Omni Antenna 617-2,700 MHz N Type Female Connector
REV 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com