Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X10213 Datasheet (PDF) - List of Unclassifed Manufacturers

Part # X10213
Description  MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
File Size   116.47 Kbytes
Html View  1   2   3 
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X10213 Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - X10213

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
X10213 UNITEDAUTOMATION-X10213 Datasheet
56Kb / 1P
MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
31/07/12
X10213 UNITEDAUTOMATION-X10213 Datasheet
192Kb / 2P
PHASE ANGLE POWER 25A ac CONTROL MODULE
17/07/98
X10213 UNITEDAUTOMATION-X10213 Datasheet
517Kb / 2P
Phase Angle Power Control Module
19 January 2026
X10213 UNITEDAUTOMATION-X10213 Datasheet
727Kb / 4P
Standard with 15A / 17A, 110V / 230V Variable AC Regulator
1 July 2025
X10213 UNITEDAUTOMATION-X10213 Datasheet
545Kb / 2P
25A, 110V / 230V Variable Phase Angle AC Regulator
28 April 2026
More results


Similar Description - X10213

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VBH40-05B IXYS-VBH40-05B Datasheet
54Kb / 3P
Module with HiPerFETTM H-Bridge and Single Phase Mains Rectifier Bridge
logo
Skyworks Solutions Inc.
SKY77441 SKYWORKS-SKY77441 Datasheet
67Kb / 2P
Multi-Mode / Multi-Band PA Module
logo
JDS Uniphase Corporatio...
49-3940-4000-B JDSU-49-3940-4000-B Datasheet
278Kb / 5P
Uncooled Multi-Mode Pump Module
logo
TriQuint Semiconductor
TQP9058H TRIQUINT-TQP9058H_15 Datasheet
154Kb / 1P
Multi-Mode / Multi-Band Power Amplifier Module
logo
Littelfuse
MS0690J-DL1TE LITTELFUSE-MS0690J-DL1TE Datasheet
1Mb / 6P
Thyristor AC controller module for mains frequency
logo
TT Electronics.
DS3801 TTELEC-DS3801 Datasheet
277Kb / 1P
Mains Interface Relay Module
logo
Hotchip Technology Co.,...
HT2273 HOTCHIP-HT2273 Datasheet
1Mb / 10P
Burst Mode Control
logo
Schaffner International...
RWK-3062 SCHAFFNER-RWK-3062 Datasheet
1Mb / 6P
3-phase Line Reactor to reduce mains disturbances
logo
Lorlin Electronics Ltd.
MS2000 LORLIN-MS2000 Datasheet
329Kb / 2P
MS2000 MAINS ROTARY SWITCH MODULE
MSL LORLIN-MSL Datasheet
330Kb / 2P
MSL LOCK SWITCH WITH BRACKETED OR SNAP ON MAINS SWITCH MODULE
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com