Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS16 Datasheet (PDF) - Schurter Inc.

Part # MCS16
Description  Metal Switch Short Stroke
File Size   746.92 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MCS16 Datasheet (PDF) - Schurter Inc.



Similar Part No. - MCS16

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MCS16 SCHURTER-MCS16 Datasheet
750Kb / 6P
Metal Switch Short Stroke
05.01.2022
logo
Ohmite Mfg. Co.
MCS1632 OHMITE-MCS1632 Datasheet
491Kb / 2P
Metal Element Current Sense
MCS1632 OHMITE-MCS1632 Datasheet
494Kb / 2P
Industrial electronics, power electronics
MCS1632 OHMITE-MCS1632 Datasheet
542Kb / 2P
Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
logo
ON Semiconductor
MCS1632R005FER ONSEMI-MCS1632R005FER Datasheet
1Mb / 46P
Battery Charging IC, 98% Efficient, Safe 6A Direct with Regulation and Protection
July, 2018 ??Rev.4
More results


Similar Description - MCS16

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MCS30 SCHURTER-MCS30 Datasheet
500Kb / 4P
Metal Switch Short Stroke Ring Illuminated
MCS18FRONT SCHURTER-MCS18FRONT Datasheet
390Kb / 4P
Membrane Switch Frontpanel Short Stroke 18 mm
MTG SCHURTER-MTG Datasheet
255Kb / 3P
Printmount Switch Short Stroke 12.7 mm
MCS19 SCHURTER-MCS19 Datasheet
638Kb / 6P
Metal Switch Short Stroke
MCS30 SCHURTER-MCS30_18 Datasheet
549Kb / 4P
Metal Switch Short Stroke Ring Illuminated
MCS16 SCHURTER-MCS16_V01 Datasheet
750Kb / 6P
Metal Switch Short Stroke
05.01.2022
MCS19 SCHURTER-MCS19_V02 Datasheet
647Kb / 6P
Metal Switch Short Stroke
05.01.2022
MCS18FRONT SCHURTER-MCS18FRONT_V01 Datasheet
396Kb / 4P
Membrane Switch Frontpanel Short Stroke 18 mm
04.01.2022
MCS30 SCHURTER-MCS30_V02 Datasheet
571Kb / 5P
Metal Switch Short Stroke Ring Illuminated
05.01.2022
MTG SCHURTER-MTG_V01 Datasheet
269Kb / 3P
Printmount Switch Short Stroke 12.7 mm
04.01.2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com