Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS16 Datasheet(PDF) 1 Page - Schurter Inc.

Part # MCS16
Description  Metal Switch Short Stroke
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MCS16 Datasheet(HTML) 1 Page - Schurter Inc.

  MCS16 Datasheet HTML 1Page - Schurter Inc. MCS16 Datasheet HTML 2Page - Schurter Inc. MCS16 Datasheet HTML 3Page - Schurter Inc. MCS16 Datasheet HTML 4Page - Schurter Inc. MCS16 Datasheet HTML 5Page - Schurter Inc. MCS16 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Metal Line Switches
MCS 16
https://www.schurter.com /PG70
Switches
Metal Switch Short Stroke
non-illuminated
Actuator stainless steel
Point Illumination
red / green
Actuator stainless steel
non-illuminated
Actuator zinc die-cast
See below:
Approvals and Compliances
Description
- Momentary action switch available in version Standard, with Point Illu-
mination, Lettering
- Assembly by mounting with nut
- Pin connections, Pins with Soldering Aid or Clip for Pins
Unique Selling Proposition
- Very low mounting depth
- High ingress protection IP67
- Resistant against vandalism
- Long lifetime
Characteristics
- Housing and actuator material types: zinc die-cast with nickel plating
or stainless steel
- Wide range of materials, colours, lettering, colours of illumination
- Switching voltage max. 48 VDC, switching current max. 125 mA
- Zinc die-cast for housing and actuator
With or without illumination, no lettering
- Stainless Steel for actuator
Optional point illumination and optional laser lettering with standard or
customer-specific symbols
Weblinks
html datasheet, General Product Information, CAD-Drawings, Product
News, Detailed request for product
Technical Data
Electrical Data
Switching Function
N.O.
Supply Voltage
LED operating data are listed in sepa-
rate table
Contact Material Silver
Switching Voltage
min. 4 VDC , max. 48 VDC
Switching Current
max. 125 mA
Rated Switching Capacity
1.2 W
Lifetime
1 million actuations at Rated Switching
Capacity
Contact Resistance
< 50 m
Ω, < 150 mΩ after lifetime
Insulation Resistance
> 100 M
Ω
Duration of Bounce
< 1 ms
Contact Material Gold
Switching Voltage
min. 50 mVDC, max. 24 VDC
Switching Current
max. 80 mA
Rated Switching Capacity
0.36 W
Lifetime
1 million actuations at Rated Switching
Capacity
Contact Resistance
< 50 m
Ω, < 150 mΩ after lifetime
Insulation Resistance
> 100 M
Ω
Duration of Bounce
< 1 ms
Mechanical Data
Actuating Force
Max. 5 N
Actuating Travel
Max. 0.4 mm
Lifetime
1 million actuations
Shock Protection
IK 06
Mounting screw torque
0.4 Nm with Sealing Ring, 1.5 Nm wit-
hout Sealing Ring
Climatical Data
Operating Temperature
-20 to 60 °C
Storage Temperature
-20 to 60 °C
Protection Class
IP67 with O-Ring
Salt Spray Test (acc. to DIN
50021-SS)
24 h / 48 h / 96 h Residence Time
Other Data
Contact Material
Ag / Au
Soldering Data
Tinning
260 °C / 2 sec according to DIN IEC
60068-2-20
Solderability
260 °C / 2 sec (IEC 60068-2-20 Test Ta
Method 1)
Resistance to Soldering Heat
260 °C / 5 sec (IEC 60068-2-20 Test Tb
Method 1A)
Material
Housings
Zinc Die Casting Nickel Plated
Actuator unlettered
Zinc Die Casting Nickel Plated
Actuator lettered
Stainless Steel 1.4301
Contact
CuZn37 2,5 µm Ag
Snap Dome
X 12 CrNi 177 gold plated
Socket
PA
Approvals and Compliances


Similar Part No. - MCS16

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MCS16 SCHURTER-MCS16 Datasheet
750Kb / 6P
Metal Switch Short Stroke
05.01.2022
logo
Ohmite Mfg. Co.
MCS1632 OHMITE-MCS1632 Datasheet
491Kb / 2P
Metal Element Current Sense
MCS1632 OHMITE-MCS1632 Datasheet
494Kb / 2P
Industrial electronics, power electronics
MCS1632 OHMITE-MCS1632 Datasheet
542Kb / 2P
Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
logo
ON Semiconductor
MCS1632R005FER ONSEMI-MCS1632R005FER Datasheet
1Mb / 46P
Battery Charging IC, 98% Efficient, Safe 6A Direct with Regulation and Protection
July, 2018 ??Rev.4
More results

Similar Description - MCS16

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MCS30 SCHURTER-MCS30 Datasheet
500Kb / 4P
Metal Switch Short Stroke Ring Illuminated
MCS18FRONT SCHURTER-MCS18FRONT Datasheet
390Kb / 4P
Membrane Switch Frontpanel Short Stroke 18 mm
MTG SCHURTER-MTG Datasheet
255Kb / 3P
Printmount Switch Short Stroke 12.7 mm
MCS19 SCHURTER-MCS19 Datasheet
638Kb / 6P
Metal Switch Short Stroke
MCS30 SCHURTER-MCS30_18 Datasheet
549Kb / 4P
Metal Switch Short Stroke Ring Illuminated
MCS16 SCHURTER-MCS16_V01 Datasheet
750Kb / 6P
Metal Switch Short Stroke
05.01.2022
MCS19 SCHURTER-MCS19_V02 Datasheet
647Kb / 6P
Metal Switch Short Stroke
05.01.2022
MCS18FRONT SCHURTER-MCS18FRONT_V01 Datasheet
396Kb / 4P
Membrane Switch Frontpanel Short Stroke 18 mm
04.01.2022
MCS30 SCHURTER-MCS30_V02 Datasheet
571Kb / 5P
Metal Switch Short Stroke Ring Illuminated
05.01.2022
MTG SCHURTER-MTG_V01 Datasheet
269Kb / 3P
Printmount Switch Short Stroke 12.7 mm
04.01.2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com