Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVXO-HC73 Datasheet (PDF) - Fox Electronics

Part # FVXO-HC73
Description  HCMOS 7 x 5mm 3.3V VCXO
File Size   365.81 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FVXO-HC73 Datasheet (PDF) - Fox Electronics



Similar Part No. - FVXO-HC73

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-HC72 FOX-FVXO-HC72 Datasheet
347Kb / 15P
HCMOS 7 x 5mm 2.5V VCXO
FVXO-HC72B FOX-FVXO-HC72B Datasheet
347Kb / 15P
HCMOS 7 x 5mm 2.5V VCXO
FVXO-HC72BR FOX-FVXO-HC72BR Datasheet
347Kb / 15P
HCMOS 7 x 5mm 2.5V VCXO
More results


Similar Description - FVXO-HC73

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-LC73 FOX-FVXO-LC73 Datasheet
333Kb / 15P
LVDS 7 x 5mm 3.3V VCXO
FVXO-HC72 FOX-FVXO-HC72 Datasheet
347Kb / 15P
HCMOS 7 x 5mm 2.5V VCXO
FVXO-HC53 FOX-FVXO-HC53 Datasheet
365Kb / 15P
HCMOS 5 x 3.2mm 3.3V VCXO
FVXO_PC73 FOX-FVXO_PC73 Datasheet
334Kb / 15P
LVPECL 7 x 5mm 3.3V VCXO
FXO-HC73 FOX-FXO-HC73 Datasheet
360Kb / 14P
HCMOS 7 x 5mm 3.3V Oscillator
logo
MMD Components
MVIH MMD-MVIH Datasheet
82Kb / 1P
5mm x 7mm HCMOS VCXO
logo
Fox Electronics
FXO-HC735RGB-125 FOX-FXO-HC735RGB-125 Datasheet
172Kb / 2P
HCMOS 7 x 5mm 3.3V 50ppm XO Freq: 125MHz
FXO-HC735RGB-156 FOX-FXO-HC735RGB-156 Datasheet
176Kb / 2P
HCMOS 7 x 5mm 3.3V 50ppm XO Freq: 156.25MHz
FXO-HC735-132 FOX-FXO-HC735-132 Datasheet
530Kb / 14P
HCMOS 7 x 5mm 3.3V Oscillator
FXO-HC736R-20 FOX-FXO-HC736R-20 Datasheet
530Kb / 14P
HCMOS 7 x 5mm 3.3V Oscillator
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com