Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRD13000 Datasheet (PDF) - Cynergy3 Co

Part # FRD13000
Description  fully screened 9kV, 6A
File Size   585.06 Kbytes
Html View  1   2 
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

FRD13000 Datasheet (PDF) - Cynergy3 Co



Similar Part No. - FRD13000

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
FRD1-156 MULTICOMP-FRD1-156 Datasheet
183Kb / 1P
Crimp Terminals
23/12/20 V1.0
logo
Timeguard
FRD1000 TIMEGUARD-FRD1000 Datasheet
909Kb / 2P
IP65 6W LED Fire Rated Downlight
13/02/2025
FRD1001 TIMEGUARD-FRD1001 Datasheet
916Kb / 3P
IP65 6W LED Fire Rated Downlight with Integrated PIR motion detector
13/02/2025
logo
SanRex Corporation
FRD100BA60 SANREX-FRD100BA60 Datasheet
294Kb / 2P
DIODE MODULE(F.R.D)
FRD100CA100 SANREX-FRD100CA100 Datasheet
102Kb / 2P
DIODE MODULE
More results


Similar Description - FRD13000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAR605SU ETC2-SAR605SU Datasheet
629Kb / 2P
miniature fully screened, open frame
logo
Cynergy3 Co
FRD12000 CYNERGY3-FRD12000 Datasheet
684Kb / 2P
screened 8kV, 6A
FRD30000 CYNERGY3-FRD30000 Datasheet
533Kb / 2P
fully screened 6.5kV, 20A
logo
PREMO CORPORATION S.L
FC1-FC3 PREMO-FC1-FC3 Datasheet
137Kb / 1P
Screened Room Filters
logo
Cynergy3 Co
SAR605SU CYNERGY3-SAR605SU Datasheet
674Kb / 2P
miniature fully screened, open frame
FRD32061 CYNERGY3-FRD32061 Datasheet
575Kb / 2P
FRD30000 fully screened
logo
GETAI ELECTRONICS DEVIC...
2CL103 GETEDZ-2CL103 Datasheet
80Kb / 1P
9kV 350mA HIGH VOLTAGE DIODE
2CL105 GETEDZ-2CL105 Datasheet
80Kb / 1P
9kV 450mA HIGH VOLTAGE DIODE
ESJC13-09 GETEDZ-ESJC13-09 Datasheet
69Kb / 1P
450mA 9kV HIGH VOLTAGE DIODES
logo
Analog Devices
MAX42405 AD-MAX42405 Datasheet
1Mb / 18P
36V, 5A/6A Fully Integrated Synchronous Buck Converters
19-101745; Rev 0; 11/23
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com