Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80CPQ020 Datasheet (PDF) - Vishay Siliconix

Part # 80CPQ020
Description  Schottky Rectifier, 2 x 40 A
File Size   120.14 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80CPQ020 Datasheet (PDF) - Vishay Siliconix



Similar Part No. - 80CPQ020

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80CPQ020 IRF-80CPQ020 Datasheet
51Kb / 5P
SCHOTTKY RECTIFIER
logo
Microsemi Corporation
80CPQ020 MICROSEMI-80CPQ020 Datasheet
141Kb / 2P
80 AMP SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
80CPQ020 ISC-80CPQ020 Datasheet
260Kb / 2P
Schottky Rectifier
logo
Vishay Siliconix
80CPQ020-N3 VISHAY-80CPQ020-N3 Datasheet
165Kb / 7P
Schottky Rectifier, 2 x 40 A
31-Aug-11
logo
International Rectifier
80CPQ020PBF IRF-80CPQ020PBF Datasheet
210Kb / 7P
SCHOTTKY RECTIFIER 80 Amp
More results


Similar Description - 80CPQ020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80CPQ020PBF VISHAY-80CPQ020PBF Datasheet
114Kb / 6P
Schottky Rectifier, 2 x 40 A
12-Sep-08
80CPQ150 VISHAY-80CPQ150 Datasheet
121Kb / 6P
Schottky Rectifier, 2 x 40 A
21-Aug-08
80CPQ150PBF VISHAY-80CPQ150PBF Datasheet
155Kb / 7P
Schottky Rectifier, 2 x 40 A
13-Aug-08
80CPQ020PBF VISHAY-80CPQ020PBF_12 Datasheet
165Kb / 7P
Schottky Rectifier, 2 x 40 A
31-Aug-11
VS-80CPQ020-N3 VISHAY-VS-80CPQ020-N3 Datasheet
164Kb / 7P
High Performance Schottky Rectifier, 2 x 40 A
03-Jan-18
VS-80CPQ020PBF VISHAY-VS-80CPQ020PBF_V01 Datasheet
134Kb / 7P
Schottky Rectifier, 2 x 40 A
31-Aug-11
VS-80CPQ150PBF VISHAY-VS-80CPQ150PBF_V01 Datasheet
133Kb / 7P
Schottky Rectifier, 2 x 40 A
17-Jul-13
VS-80CPU02-N3 VISHAY-VS-80CPU02-N3_V01 Datasheet
175Kb / 7P
Schottky Rectifier, 2 x 40 A
19-Apr-2022
logo
STMicroelectronics
STPS80A150CHR STMICROELECTRONICS-STPS80A150CHR Datasheet
212Kb / 11P
Rad-Hard 2 x 40 A - 150 V Schottky rectifier
06-Dec-2021
STPS80A45CHR STMICROELECTRONICS-STPS80A45CHR Datasheet
208Kb / 10P
Rad-Hard 2 x 40 A - 45 V Schottky rectifier
19-Mar-2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com