Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSOF3S3E Datasheet (PDF) - Connor-Winfield Corporation

Part # BSOF3S3E
Description  SURFACE MOUNT 3.3V STRATUM 3E HCMOS OCXO
File Size   203.51 Kbytes
Html View  1   2 
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

BSOF3S3E Datasheet (PDF) - Connor-Winfield Corporation



Similar Part No. - BSOF3S3E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BSO-3.5M3-6ZI ETC-BSO-3.5M3-6ZI Datasheet
1Mb / 12P
SELF-CLINCHING STANDOFFS
5/13/20
logo
Infineon Technologies A...
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
SIPMOS Small-Signal-Transistor
05.99
logo
List of Unclassifed Man...
BSO-440-10ZI ETC-BSO-440-10ZI Datasheet
1Mb / 12P
SELF-CLINCHING STANDOFFS
5/13/20
BSO-440-12ZI ETC-BSO-440-12ZI Datasheet
1Mb / 12P
SELF-CLINCHING STANDOFFS
5/13/20
BSO-440-14ZI ETC-BSO-440-14ZI Datasheet
1Mb / 12P
SELF-CLINCHING STANDOFFS
5/13/20
More results


Similar Description - BSOF3S3E

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
ABOF5S3E CONNOR-WINFIELD-ABOF5S3E Datasheet
188Kb / 2P
STRATUM 3E HCMOS OCXO
ACOF5S3E CONNOR-WINFIELD-ACOF5S3E Datasheet
184Kb / 2P
STRATUM 3E HCMOS OCXO
AIOF5S3E CONNOR-WINFIELD-AIOF5S3E Datasheet
173Kb / 2P
STRATUM 3E 5V HCMOS OCXO
ASOF5S3E CONNOR-WINFIELD-ASOF5S3E Datasheet
203Kb / 2P
SURFACE MOUNT STRATUM 3E HCMOS OCXO
ASOV3S3 CONNOR-WINFIELD-ASOV3S3 Datasheet
193Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
BSOV3S3 CONNOR-WINFIELD-BSOV3S3 Datasheet
192Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
ESOF3S3 CONNOR-WINFIELD-ESOF3S3 Datasheet
189Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
OFC5EF1AB CONNOR-WINFIELD-OFC5EF1AB Datasheet
133Kb / 2P
5.0V HCMOS STRATUM 3E OCXO
OFC5EF3AB CONNOR-WINFIELD-OFC5EF3AB Datasheet
133Kb / 2P
STRATUM 3E HCMOS OCXO
OFC5EF3ABG5 CONNOR-WINFIELD-OFC5EF3ABG5 Datasheet
181Kb / 2P
STRATUM 3E 5V HCMOS OCXO
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com