Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OFC5EF3ABG5 Datasheet (PDF) - Connor-Winfield Corporation

Part # OFC5EF3ABG5
Description  STRATUM 3E 5V HCMOS OCXO
File Size   181.63 Kbytes
Html View  1   2 
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

OFC5EF3ABG5 Datasheet (PDF) - Connor-Winfield Corporation



Similar Part No. - OFC5EF3ABG5

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
OFC5EF3AB CONNOR-WINFIELD-OFC5EF3AB Datasheet
133Kb / 2P
STRATUM 3E HCMOS OCXO
OFC5EF3AB-032.0M CONNOR-WINFIELD-OFC5EF3AB-032.0M Datasheet
133Kb / 2P
STRATUM 3E HCMOS OCXO
More results


Similar Description - OFC5EF3ABG5

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD332 GOLLEDGE-HCD332 Datasheet
61Kb / 1P
5V OCXO HCMOS OUTPUT STRATUM 3E
logo
Advanced XTAL Products
AXIOM40S AXTAL-AXIOM40S Datasheet
53Kb / 2P
OCXO with Stratum 3E stabilitiy
2005-07-15
logo
CTS Corporation
118 CTS-118 Datasheet
102Kb / 4P
1?쓝1??Stratum 3E OCXO
logo
Connor-Winfield Corpora...
ABOF5S3E CONNOR-WINFIELD-ABOF5S3E Datasheet
188Kb / 2P
STRATUM 3E HCMOS OCXO
ACOF5S3E CONNOR-WINFIELD-ACOF5S3E Datasheet
184Kb / 2P
STRATUM 3E HCMOS OCXO
AIOF5S3E CONNOR-WINFIELD-AIOF5S3E Datasheet
173Kb / 2P
STRATUM 3E 5V HCMOS OCXO
ASOF5S3E CONNOR-WINFIELD-ASOF5S3E Datasheet
203Kb / 2P
SURFACE MOUNT STRATUM 3E HCMOS OCXO
BSOF3S3E CONNOR-WINFIELD-BSOF3S3E Datasheet
203Kb / 2P
SURFACE MOUNT 3.3V STRATUM 3E HCMOS OCXO
OFC5EF1AB CONNOR-WINFIELD-OFC5EF1AB Datasheet
133Kb / 2P
5.0V HCMOS STRATUM 3E OCXO
OFC5EF3AB CONNOR-WINFIELD-OFC5EF3AB Datasheet
133Kb / 2P
STRATUM 3E HCMOS OCXO
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com