Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

63-00352 Datasheet (PDF) - JDS Uniphase Corporation

Part # 63-00352
Description  Diode Lasers,High Brightness 10 W, 9xx nm
File Size   323.66 Kbytes
Html View  1   2   3   4   5 
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

63-00352 Datasheet (PDF) - JDS Uniphase Corporation



Similar Part No. - 63-00352

ManufacturerPart #DatasheetDescription
logo
Elma Electronic Ltd
63-046 ELMA-63-046 Datasheet
1Mb / 19P
UNIBOX 14
63-046 ELMA-63-046 Datasheet
1Mb / 9P
CHASSIS AND SUBRACKS
More results


Similar Description - 63-00352

ManufacturerPart #DatasheetDescription
logo
Agere Systems
A1112 AGERE-A1112 Datasheet
53Kb / 6P
A1112 High-Power 1550 nm DFB Source Lasers
January 2001
logo
Bookham, Inc.
BPC30C BOOKHAM-BPC30C Datasheet
398Kb / 4P
30W 9xx nm MaxiChip High Power Laser Diode on Passive Cu Block Cooler
logo
JDS Uniphase Corporatio...
24-00135 JDSU-24-00135 Datasheet
546Kb / 11P
Diode Lasers, High Brightness 0.6 to 8.5 W, 8xx nm
54-00202 JDSU-54-00202 Datasheet
262Kb / 6P
Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
L4-9891510-100B JDSU-L4-9891510-100B Datasheet
194Kb / 6P
High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
L4-9891510-100E JDSU-L4-9891510-100E Datasheet
229Kb / 6P
High-Power 10 W 9xx nm Fiber-Coupled Diode Laser with Feedback Protection
L4-9897603-100B JDSU-L4-9897603-100B Datasheet
233Kb / 6P
High-Power 10 W 976 nm Fiber-Coupled Diode Laser
1060-1100 JDSU-1060-1100 Datasheet
236Kb / 6P
High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
logo
Lumics GmbH
LUXXXCYYY LUMICS-LUXXXCYYY Datasheet
336Kb / 3P
Diode Laser @ 760 nm - 1470 nm up to 270 W
2022-01-10
LUXXXXDYYY-U LUMICS-LUXXXXDYYY-U Datasheet
4Mb / 3P
Diode Laser @ 670 nm - 1940 nm up to 70 w
2022-01-11
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com