Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A513RU Datasheet (PDF) - MicroPower Direct, LLC

Part # A513RU
Description  Single & Dual Output, 5W Ultra-Wide Input Range DC/DC Converters
File Size   175.26 Kbytes
Html View  1   2 
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

A513RU Datasheet (PDF) - MicroPower Direct, LLC



Similar Part No. - A513RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A513RHI MPD-A513RHI Datasheet
834Kb / 2P
Very High Isolation, 5W Single & Dual Output DC/DC Converters
A513RW MPD-A513RW Datasheet
164Kb / 2P
Wide Input Range, 5W Single & Dual Output DC/DC Converters
More results


Similar Description - A513RU

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW2600 MINMAX-MKW2600 Datasheet
240Kb / 8P
15W, Ultra-Wide Input Range, Single & Dual Output DC/DC Converters
MSKW2000 MINMAX-MSKW2000 Datasheet
208Kb / 8P
5W 2:1 Wide Input Range SMD, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A100ERU MPD-A100ERU Datasheet
211Kb / 2P
Single & Dual Output, 1.5W Ultra-Wide Input Range DC/DC Converters
A300RU MPD-A300RU Datasheet
187Kb / 2P
Single & Dual Output, 3W Ultra-Wide Input Range DC/DC Converters
A400RU MPD-A400RU Datasheet
175Kb / 2P
Single & Dual Output, 4W Ultra-Wide Input Range DC/DC Converters
A500ERW MPD-A500ERW Datasheet
187Kb / 2P
Low Cost, Wide Input, 5W Single & Dual Output DC/DC Converters
A500RW MPD-A500RW Datasheet
164Kb / 2P
Wide Input Range, 5W Single & Dual Output DC/DC Converters
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
LF500RU MPD-LF500RU Datasheet
223Kb / 2P
Very Wide Input, 5W SMT Single & Dual Output DC/DC Converters
LF500RW MPD-LF500RW Datasheet
228Kb / 2P
Wide Input, 5W SMT Single & Dual Output DC/DC Converters
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com