Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF-050 Datasheet (PDF) - PREMO CORPORATION S.L

Part # CF-050
Description  PTH SMPS Current Transformer Up to 15A
File Size   136.66 Kbytes
Html View  1 
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

CF-050 Datasheet (PDF) - PREMO CORPORATION S.L



Similar Part No. - CF-050

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
CF-0310A-3 JMK-CF-0310A-3 Datasheet
32Kb / 1P
2,125,782 Hrs @ 30C GB
More results


Similar Description - CF-050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HEC50 ETC-HEC50 Datasheet
122Kb / 2P
SINGLE OUTPUT UP TO 15A
logo
ice Components, Ins.
ICA-0635 ICE-ICA-0635 Datasheet
148Kb / 1P
SMPS Transformer
logo
CIT Relay & Switch
WJ110 CIT-WJ110 Datasheet
145Kb / 2P
Load capacity of up to 15A
logo
DB Lectro Inc
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
Switching capacity up to 15A
logo
PREMO CORPORATION S.L
A-2049-005 PREMO-A-2049-005 Datasheet
272Kb / 2P
SMPS EP13 Transformer
A-2049-007 PREMO-A-2049-007 Datasheet
100Kb / 1P
SMPS EFD20 Transformer
CM-020 PREMO-CM-020 Datasheet
174Kb / 1P
SMD Current Transformer Up to 6A
CS-050 PREMO-CS-050 Datasheet
180Kb / 1P
SMD Current Transformer Up to 15A
CA-050X PREMO-CA-050X Datasheet
290Kb / 1P
PTH SMPS Current Transformer Up to 15A
CV1-050 PREMO-CV1-050 Datasheet
220Kb / 2P
SMPS High Isolation (2500V min) Current Transformer
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com