Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM42-0002 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # AM42-0002
Description  GaAs MMIC VSAT Power Amplifier 1.4 W 14.0 - 14.5 GHz
File Size   167.34 Kbytes
Html View  1   2   3   4 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM42-0002 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - AM42-0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0002 MACOM-AM42-0002 Datasheet
134Kb / 4P
GaAs MMIC VSAT Power Amplifier 1.4W
logo
M/A-COM Technology Solu...
AM42-0002 MA-COM-AM42-0002 Datasheet
157Kb / 4P
GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002 MA-COM-AM42-0002 Datasheet
157Kb / 4P
GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002 MA-COM-AM42-0002_15 Datasheet
654Kb / 5P
GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002_V6 MA-COM-AM42-0002_V6 Datasheet
157Kb / 4P
GaAs MMIC VSAT Power Amplifier, 1.4 W
More results


Similar Description - AM42-0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0007 MACOM-AM42-0007 Datasheet
39Kb / 3P
GaAs MMIC VSAT Power Amplifier 2.0W 14.0 - 14.5 GHz
AM42-0041 MACOM-AM42-0041 Datasheet
204Kb / 3P
GaAs MMIC VSAT Power Amplifier, 0.5W 14.0 - 14.5 GHz
AM42-0007 MACOM-AM42-0007_1 Datasheet
197Kb / 4P
GaAs MMIC VSAT Power Amplifier 1.4W 14.0 - 14.5GHz
AM42-0007-DIE MACOM-AM42-0007-DIE Datasheet
507Kb / 2P
GaAs MMIC VSAT Power Amplifier 2W 14.0 - 14.5GHz
logo
M/A-COM Technology Solu...
AM42-0007 MA-COM-AM42-0007 Datasheet
166Kb / 4P
GaAs MMIC VSAT Power Amplifier, 2.0 W 14.0 - 14.5 GHz
AM42-0007-DIE MA-COM-AM42-0007-DIE Datasheet
252Kb / 3P
GaAs MMIC Power Amplifier, 2 W 14.0 - 14.5 GHz
AM42-0041 MA-COM-AM42-0041 Datasheet
143Kb / 4P
GaAs MMIC VSAT Power Amplifier, 0.5 W 14.0 - 14.5 GHz
AM42-0002_V6 MA-COM-AM42-0002_V6 Datasheet
157Kb / 4P
GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002 MA-COM-AM42-0002 Datasheet
157Kb / 4P
GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002 MA-COM-AM42-0002_15 Datasheet
654Kb / 5P
GaAs MMIC VSAT Power Amplifier, 1.4 W
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com