Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT20-0273 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # AT20-0273
Description  Digital Attenuator 32.0 dB, 2-Bit, TTL Driver, DC-2.0 GHz
File Size   105.59 Kbytes
Html View  1   2   3   4 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AT20-0273 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - AT20-0273

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT20-0273 MACOM-AT20-0273 Datasheet
220Kb / 3P
Digital Attenuator, 32 dB, 2-Bit, TTL Driver, DC - 2 GHz
AT20-0273 MACOM-AT20-0273 Datasheet
151Kb / 4P
Digital Attenuator 32.0dB, 2-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT20-0273 MA-COM-AT20-0273 Datasheet
105Kb / 4P
Digital Attenuator
logo
Tyco Electronics
AT20-0273 MACOM-AT20-0273_1 Datasheet
151Kb / 4P
Digital Attenuator 32.0dB, 2-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT20-0273 MA-COM-AT20-0273_15 Datasheet
105Kb / 4P
Digital Attenuator
More results


Similar Description - AT20-0273

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-273 MACOM-AT-273 Datasheet
205Kb / 2P
Digital Attenuator, 32 dB, 2-Bit, TTL Driver, DC - 2.0 GHz
AT65-0263 MACOM-AT65-0263 Datasheet
261Kb / 4P
Digital Attenuator, 31 dB, 5-Bit, TTL Driver DC-2.0 GHz
MAAD-007084-000100 MACOM-MAAD-007084-000100 Datasheet
233Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT20-0263 MA-COM-AT20-0263 Datasheet
116Kb / 4P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT-263-PIN MA-COM-AT-263-PIN Datasheet
123Kb / 4P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT-273-PIN MA-COM-AT-273-PIN Datasheet
106Kb / 4P
Digital Attenuator 32.0 dB, 2-Bit, TTL Driver, DC-2.0 GHz
AT-283-PIN MA-COM-AT-283-PIN Datasheet
133Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT65-0107 MA-COM-AT65-0107 Datasheet
150Kb / 6P
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT65-0263 MA-COM-AT65-0263 Datasheet
139Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAAD-008789-000100 MA-COM-MAAD-008789-000100 Datasheet
168Kb / 6P
Digital Attenuator 32.0 dB, 2-Bit, TTL Driver, DC-4.0 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com