Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-4-4 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # DS-4-4
Description  Broadband Four -Way Power Divider, 2 - 2000 MHz
File Size   72.46 Kbytes
Html View  1   2 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

DS-4-4 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - DS-4-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-4-4 MACOM-DS-4-4 Datasheet
101Kb / 2P
Broadband Four-Way Power Divider 2 - 2000 MHz
logo
M/A-COM Technology Solu...
DS-4-4 MA-COM-DS-4-4 Datasheet
72Kb / 2P
Broadband Four -Way Power Divider
logo
Tyco Electronics
DS-4-4BNC MACOM-DS-4-4BNC Datasheet
101Kb / 2P
Broadband Four-Way Power Divider 2 - 2000 MHz
DS-4-4N MACOM-DS-4-4N Datasheet
101Kb / 2P
Broadband Four-Way Power Divider 2 - 2000 MHz
DS-4-4SMA MACOM-DS-4-4SMA Datasheet
101Kb / 2P
Broadband Four-Way Power Divider 2 - 2000 MHz
More results


Similar Description - DS-4-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-332 MACOM-DS-332 Datasheet
117Kb / 2P
Two-Way Power Divider 1000 - 2000 MHz
DS-4-4 MACOM-DS-4-4 Datasheet
101Kb / 2P
Broadband Four-Way Power Divider 2 - 2000 MHz
DS-409-4 MACOM-DS-409-4 Datasheet
141Kb / 2P
Four-Way Power Divider 10 - 2000 MHz
DS-808-4 MACOM-DS-808-4 Datasheet
135Kb / 2P
Broadband Eight-Way Power Divider 20 - 2000 MHz
H-8-4 MACOM-H-8-4 Datasheet
131Kb / 2P
Broadband Two-Way Power Divider 2 MHz - 2 GHz
logo
M/A-COM Technology Solu...
DS-409-4 MA-COM-DS-409-4 Datasheet
77Kb / 2P
Four -Way Power Divider, 10 - 2000 MHz
DS-808-4 MA-COM-DS-808-4 Datasheet
66Kb / 2P
Broadband Eight -Way Power Divider, 20 - 2000 MHz
DSS-313 MA-COM-DSS-313 Datasheet
73Kb / 3P
Two-Way Power Divider, 10 - 2000 MHz
H-8-4 MA-COM-H-8-4 Datasheet
71Kb / 2P
Broadband Two-Way Power Divider, 2 MHz - 2 GHz
DS-4-4 MA-COM-DS-4-4 Datasheet
72Kb / 2P
Broadband Four -Way Power Divider
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com