Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-160 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # AM-160
Description  Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
File Size   67.45 Kbytes
Html View  1   2   3 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-160 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - AM-160

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-160 MACOM-AM-160 Datasheet
219Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
logo
M/A-COM Technology Solu...
AM-160 MA-COM-AM-160 Datasheet
67Kb / 3P
Low Noise Amplifier
logo
Tyco Electronics
AM-160PIN MACOM-AM-160PIN Datasheet
219Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-160PIN MACOM-AM-160PIN Datasheet
214Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-160 MACOM-AM-160_1 Datasheet
214Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
More results


Similar Description - AM-160

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-160 MACOM-AM-160 Datasheet
219Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-191 MACOM-AM-191 Datasheet
214Kb / 3P
Low Noise Amplifier, 100 - 600 MHz
AMC-AMS-162 MACOM-AMC-AMS-162 Datasheet
239Kb / 3P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
AM-160 MACOM-AM-160_1 Datasheet
214Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-162 MACOM-AM-162 Datasheet
292Kb / 3P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
AM-191 MA-COM-AM-191 Datasheet
68Kb / 3P
Low Noise Amplifier 100 - 600 MHz
AM-162 MA-COM-AM-162 Datasheet
95Kb / 3P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
AM-160 MA-COM-AM-160_15 Datasheet
455Kb / 4P
Low Noise Amplifier, 28 dB Gain
AMS-162 MA-COM-AMS-162_15 Datasheet
624Kb / 4P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com