Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC-C073 Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC-C073
Description  WIDEBAND VCO w/ BUFFER AMPLIFIER MODULE, 38.4 - 43.2 GHz
File Size   165.65 Kbytes
Html View  1   2   3   4 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C073 Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC-C073

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C070 HITTITE-HMC-C070 Datasheet
349Kb / 6P
MicroSynth??INTEGRATED SYNTHESIZER MODULE, 5.5 - 10.5 GHz
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC-C072 HITTITE-HMC-C072 Datasheet
336Kb / 6P
ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
HMC-C072 HITTITE-HMC-C072 Datasheet
339Kb / 6P
ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
HMC-C072 HITTITE-HMC-C072_10 Datasheet
339Kb / 6P
ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
More results


Similar Description - HMC-C073

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC586LC4B HITTITE-HMC586LC4B Datasheet
202Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4.0 - 8.0 GHz
HMC587LC4B HITTITE-HMC587LC4B Datasheet
222Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC588LC4B HITTITE-HMC588LC4B Datasheet
261Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 8.0 - 12.5 GHz
HMC-C029 HITTITE-HMC-C029 Datasheet
261Kb / 4P
WIDEBAND VCO w/ BUFFER AMPLIFIER MODULE, 5.0 - 10.0 GHz
HMC-C030 HITTITE-HMC-C030 Datasheet
207Kb / 4P
WIDEBAND VCO w/ BUFFER AMPLIFIER MODULE, 8.0 - 12.5 GHz
HMC-C028 HITTITE-HMC-C028 Datasheet
205Kb / 4P
WIDEBAND VCO w/ BUFFER AMPLIFIER MODULE, 4 - 8 GHz
HMC733LC4B HITTITE-HMC733LC4B Datasheet
454Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
HMC586LC4B HITTITE-HMC586LC4B_10 Datasheet
159Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4 - 8 GHz
HMC587LC4B HITTITE-HMC587LC4B_10 Datasheet
156Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC732LC4B HITTITE-HMC732LC4B Datasheet
422Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 6 - 12 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com