Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAM37000 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # MAAM37000
Description  Low Noise GaAs MMIC Amplifier 3.5 - 7.0 GHz
File Size   191.63 Kbytes
Html View  1   2   3   4 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM37000 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - MAAM37000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM37000 MACOM-MAAM37000 Datasheet
197Kb / 2P
Low Noise GaAs MMIC Amplifier 3.5-7GHz
logo
M/A-COM Technology Solu...
MAAM37000 MA-COM-MAAM37000 Datasheet
247Kb / 4P
Low Noise GaAs MMIC Amplifier
MAAM37000 MA-COM-MAAM37000 Datasheet
247Kb / 4P
Low Noise GaAs MMIC Amplifier
logo
Tyco Electronics
MAAM37000-A1 MACOM-MAAM37000-A1 Datasheet
122Kb / 2P
L ow Noise GaAs MMIC Amplifier 3.5 - 7 GHz
logo
M/A-COM Technology Solu...
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
113Kb / 3P
Low Noise GaAs MMIC Amplifier 3.5 - 7.0 GHz
More results


Similar Description - MAAM37000

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC392 HITTITE-HMC392 Datasheet
228Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
logo
Mimix Broadband
XL1007-QT MIMIX-XL1007-QT Datasheet
425Kb / 7P
3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC392LC4 HITTITE-HMC392LC4 Datasheet
268Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
HMC392LH5 HITTITE-HMC392LH5 Datasheet
241Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
logo
Mimix Broadband
XL1007-QT MIMIX-XL1007-QT_07 Datasheet
454Kb / 7P
3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
113Kb / 3P
Low Noise GaAs MMIC Amplifier 3.5 - 7.0 GHz
logo
Hittite Microwave Corpo...
HMC392 HITTITE-HMC392_09 Datasheet
190Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
HMC392LC4 HITTITE-HMC392LC4_09 Datasheet
198Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
HMC392LH5 HITTITE-HMC392LH5_09 Datasheet
244Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
logo
Analog Devices
HMC392ALC4 AD-HMC392ALC4 Datasheet
751Kb / 12P
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 8.0 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com