Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC689LP4 Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC689LP4
Description  BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
File Size   302.09 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC689LP4 Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC689LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC689LP4 HITTITE-HMC689LP4 Datasheet
868Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC689LP4E HITTITE-HMC689LP4E Datasheet
868Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC689LP4 HITTITE-HMC689LP4_10 Datasheet
868Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
More results


Similar Description - HMC689LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC423MS8 HITTITE-HMC423MS8 Datasheet
216Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC332 HITTITE-HMC332_06 Datasheet
340Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC685LP4 HITTITE-HMC685LP4 Datasheet
371Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4 Datasheet
367Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC915LP4E HITTITE-HMC915LP4E Datasheet
294Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.5 - 2.7 GHz
HMC666LP4 HITTITE-HMC666LP4 Datasheet
850Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 3.1 - 3.9 GHz
HMC685LP4 HITTITE-HMC685LP4_10 Datasheet
743Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4_10 Datasheet
731Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC688LP4 HITTITE-HMC688LP4 Datasheet
870Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC689LP4 HITTITE-HMC689LP4_10 Datasheet
868Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com