Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC-C052 Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC-C052
Description  SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 1 - 20 GHz
File Size   301.77 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C052 Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC-C052

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C050 HITTITE-HMC-C050 Datasheet
416Kb / 6P
ULTRA LOW PHASE NOISE DISTRIBUTED AMPLIFIER, 2 - 18 GHz
HMC-C051 HITTITE-HMC-C051 Datasheet
242Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER MODULE, 11 - 20 GHz
HMC-C053 HITTITE-HMC-C053 Datasheet
258Kb / 6P
VOLTAGE VARIABLE ATTENUATOR MODULE, DC - 20 GHz
logo
Analog Devices
HMC-C053 AD-HMC-C053 Datasheet
264Kb / 9P
Voltage Variable Attenuator Module, DC to 20 GHz
Rev. E
logo
Hittite Microwave Corpo...
HMC-C054 HITTITE-HMC-C054 Datasheet
904Kb / 6P
RMS POWER DETECTOR 70 dB, 0.01 - 2 GHz
More results


Similar Description - HMC-C052

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC913LC4B HITTITE-HMC913LC4B Datasheet
425Kb / 8P
SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.6 - 20 GHz
HMC813LC4B HITTITE-HMC813LC4B Datasheet
885Kb / 10P
SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)LIMITED RF OUTPUT, 1 - 20 GHz
HMC1013LP4E HITTITE-HMC1013LP4E Datasheet
878Kb / 8P
SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.5 - 18.5 GHz
HMC613LC4B HITTITE-HMC613LC4B Datasheet
790Kb / 8P
SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.1 - 20 GHz
HMC913 HITTITE-HMC913_10 Datasheet
873Kb / 10P
SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.6 - 20 GHz
HMC913LC4B HITTITE-HMC913LC4B_10 Datasheet
950Kb / 8P
SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.6 - 20 GHz
logo
Analog Devices
HMC813 AD-HMC813 Datasheet
687Kb / 10P
SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
HMC813LC4B AD-HMC813LC4B Datasheet
886Kb / 10P
SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
HMC913LC4B AD-HMC913LC4B Datasheet
645Kb / 10P
SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
HMC1013LP4E AD-HMC1013LP4E Datasheet
710Kb / 8P
SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com